Electronic Components Datasheet Search
  English  ▼

X  

DAC8580IPW Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8580IPW
Description  16-BIT, HIGH-SPEED, LOW-NOISE, VOLTAGE OUTPOUT, DIGITAL-TO-ANALOG CONVERTER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC8580IPW Datasheet(HTML) 16 Page - Texas Instruments

Back Button DAC8580IPW Datasheet HTML 12Page - Texas Instruments DAC8580IPW Datasheet HTML 13Page - Texas Instruments DAC8580IPW Datasheet HTML 14Page - Texas Instruments DAC8580IPW Datasheet HTML 15Page - Texas Instruments DAC8580IPW Datasheet HTML 16Page - Texas Instruments DAC8580IPW Datasheet HTML 17Page - Texas Instruments DAC8580IPW Datasheet HTML 18Page - Texas Instruments DAC8580IPW Datasheet HTML 19Page - Texas Instruments DAC8580IPW Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
www.ti.com
CONFIGURATION of DIGITAL FILTER
Mute Function (Pin MUTEB)
Oversampling Rate (Pin OSR2, OSR1)
Digital Filter Bypass (Pin BPB)
DAC8580
SLAS458B – JUNE 2005 – REVISED AUGUST 2005
The digital filter is configured through hardware as shown in Table 2.
Table 2. Configuration of Digital Filter
BPB
RSTB
OSR2
OSR1
MUTEB
DESCRIPTION
Don't
Don't
Don't
Don't
0
OUTPUT CLEAR. The output goes to mid-scale, 1.5 SCLK cycles after falling FSYNC
care
care
care
care
0
0
Don't
Don't
1
STANDARD DAC OPERATION (FILTER OFF)
care
care
DAC output updates with serial data, 1.5 SCLK after falling FSYNC
1
0
Don't
Don't
1
FILTER INITIALIZATION
care
care
Digital filter gets reset. DAC output goes to mid-scale after receiving SCLK rising edge.
0
1
Don't
Don't
1
STANDARD DAC OPERATION (FILTER COMPUTES IN THE BACKGROUND)
care
care
DAC output updates with serial data, 1.5 SCLK after falling FSYNC
1
1
0
0
1
2X oversampled OPERATION WITH FILTER ON
DAC output updates with filtered data, 1.5 SCLK after falling FSYNC and every 8th SCLK
thereafter.
1
1
0
1
1
4X oversampled OPERATION WITH FILTER ON
DAC output updates with filtered data, 1.5 SCLK after falling FSYNC and every 4th SCLK
thereafter.
1
1
1
0
1
8X oversampled OPERATION WITH FILTER ON
DAC output updates with filter data, 1.5 SCLK after falling FSYNC and every 2nd SCLK
thereafter.
1
1
1
1
1
16X oversampled OPERATION WITH FILTER ON
DAC output updates with filter data, 1.5 SCLK after falling FSYNC and every SCLK thereafter.
Mute function is implemented by setting the DAC output voltage to mid-scale (~0 V). The MUTEB pin is active
low, and is synchronized with the frame. That is, the DAC latch and DAC output are immediately set to mid-scale
during the first update while the MUTEB pin is low. The MUTEB pin works independent of the serial data
transfer, or the digital filter. Neither the serial input, nor the digital filter data get interrupted or get lost while the
output is set at mid-scale with MUTEB. The first DAC update occurring after the MUTEB pin goes high sets the
DAC latch and DAC output to the next desired value. MUTEB pin must be kept at logic low level before power
up.
oversampling rate of the digital filter is set via pins OSR2 and OSR1.
OSR2 OSR1
OVERSAMPLING RATE
0
0
2
0
1
4
1
0
8
1
1
16
The DAC8580 can support these oversampling ratios as long as the oversampled update rate does not exceed
16 MSPS. The oversampling ratio should be set at power up. OSR1 and OSR2 pins must be kept at logic-low
level before power up.
The digital filter can be asynchronously bypassed via pin BPB. When pin BPB is active low, the digital filter is
bypassed. In this case, the DAC latch receives the data from the temporary register, not from the digital filter.
When the series input data is latched into the temporary register from the input shift register, the DAC latch and
DAC output are updated immediately with the new value of the temporary register. When pin BPB is high, digital
filter is not bypassed. The DAC latch is loaded with the output of the digital filter, not with the content of the
temporary register. The digital filter generates the data and transfers it to the DAC latch.
When the digital filter is bypassed, the filter keeps running. A bypass does not disrupt the internal computations
of the digital filter. When the BPB pin goes high, the oversampled operation resumes without any discontinuity of
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com