Electronic Components Datasheet Search
  English  ▼

X  

DAC8580IPW Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8580IPW
Description  16-BIT, HIGH-SPEED, LOW-NOISE, VOLTAGE OUTPOUT, DIGITAL-TO-ANALOG CONVERTER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC8580IPW Datasheet(HTML) 3 Page - Texas Instruments

  DAC8580IPW Datasheet HTML 1Page - Texas Instruments DAC8580IPW Datasheet HTML 2Page - Texas Instruments DAC8580IPW Datasheet HTML 3Page - Texas Instruments DAC8580IPW Datasheet HTML 4Page - Texas Instruments DAC8580IPW Datasheet HTML 5Page - Texas Instruments DAC8580IPW Datasheet HTML 6Page - Texas Instruments DAC8580IPW Datasheet HTML 7Page - Texas Instruments DAC8580IPW Datasheet HTML 8Page - Texas Instruments DAC8580IPW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
www.ti.com
DAC8580
SLAS458B – JUNE 2005 – REVISED AUGUST 2005
ELECTRICAL CHARACTERISTICS (continued)
All specifications at T
A = TMIN to TMAX, +AVDD = +5 V, –AVDD = –5 V, DVDD = +5 V, VREF = 4.096 V, unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CL <200 pF, RL = 2 kΩ, to 0.1% FS, 8-V step
0.35
0.65
Settling time (large signal)
µs
To 0.003% FS, 8-V step
1.0
Settling time (small signal)
To 0.003% FS, 100-mV step
0.15
µs
Slew rate
From 10% to 90% of % FSR
35
V/µs
Code-to-code glitch impulse
1 LSB change around major carry
5
mV
Code-to-code glitch energy
1 LSB change around major carry
0.5
nV-s
Limited by slew-boost circuit operation during
100
mV
Overshoot
large-signal swings.
Digital feedthrough(2)
SCLK toggling
0.5
nV-s
Voltage output noise
Frequency = 100 kHz
20
nV/
√Hz
Frequency = 10 kHz
25
nV/
√Hz
F = 0.1 Hz to 10 Hz
25
µVp-p
Power supply rejection
VDD varies ±10%
0.3
mV/V
REFERENCE INPUT CHARACTERISTICS
Reference input voltage range
3.0
AVDD
V
Reference input impedance
5
k
Ω
Reference input capacitance
5
pF
Reference multiplying bandwidth
Large signal (1 V peak-to-peak)
3
MHz
Reference multiplying bandwidth
Small signal
10
MHz
AC CHARACTERISTICS
DAC output signal (sine wave) frequency = 1 kHz,
DAC input update rate = 192 KSPS,
–72
Digital filter is OFF
DAC output signal (sine wave) frequency = 40 kHz,
DAC input update rate = 1 MSPS,
–72
–56
dB
2nd Harmonic distortion
Digital filter oversampling rate = 16(3)
DAC output signal (sine wave) frequency = 1 kHz,
DAC input update rate = 192 KSPS
–100
Software calibrated, digital filter is OFF(4)
DAC output signal (sine wave) frequency = 1 kHz,
DAC input update rate = 192 KSPS,
–72
Digital filter is OFF
DAC output signal (sine wave) frequency = 40 kHz,
DAC input update rate= 1 MSPS,
–72
–56
dB
3rd Harmonic distortion
Digital filter oversampling rate = 16(3)
DAC output signal (sine wave) frequency = 1 kHz,
DAC input update rate = 192 KSPS,
–100
Software calibrated, digital filter is OFF(4)
DAC output signal (sine wave) frequency = 1 kHz,
DAC input update rate = 192 KSPS,
72
dB
Digital filter is OFF
DAC output signal (sine wave) frequency = 40 kHz,
Spurious free dynamic range (SFDR)
DAC input update rate= 1 MSPS,
56
70
Digital filter oversampling rate =16(3)
dB
DAC output signal (sine wave) frequency = 1 kHz,
DAC input update rate = 192 KSPS,
–100
Software calibrated, digital filter is OFF(4)
(2)
Digital feedthrough error is defined as the area of the impulse injected into the analog output from the digital input, during the toggling of
the digital input.
(3)
No analog filter is used. On-chip digital filter is set at oversampling ratio of 16. High-speed digitizer has 10-MHz input bandwidth. This
specification is 100% tested during production.
(4)
Software calibration requires the user to calibrate the linearity error using a precision digitizer and provide the DAC inputs from a lookup
table.
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com