Electronic Components Datasheet Search
  English  ▼

X  

HD64F2145 Datasheet(PDF) 345 Page - Renesas Technology Corp

Part # HD64F2145
Description  Hitachi 16-Bit Single-Chip Microcomputer
PDF  829 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2145 Datasheet(HTML) 345 Page - Renesas Technology Corp

Back Button HD64F2145 Datasheet HTML 341Page - Renesas Technology Corp HD64F2145 Datasheet HTML 342Page - Renesas Technology Corp HD64F2145 Datasheet HTML 343Page - Renesas Technology Corp HD64F2145 Datasheet HTML 344Page - Renesas Technology Corp HD64F2145 Datasheet HTML 345Page - Renesas Technology Corp HD64F2145 Datasheet HTML 346Page - Renesas Technology Corp HD64F2145 Datasheet HTML 347Page - Renesas Technology Corp HD64F2145 Datasheet HTML 348Page - Renesas Technology Corp HD64F2145 Datasheet HTML 349Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 345 / 829 page
background image
Rev. 2.0, 08/02, page 305 of 788
13.3.3
Timer Connection Register S (TCONRS)
TCONRS selects whether to access TMR_X or TMR_Y registers, and the synchronization signal
output signal source and generation method.
Bit
Bit Name
Initial Value
R/W
Description
7
TMRX/Y
0
R/W
TMR_X/TMR_Y Access Select
For details, see table 13.3.
0: The TMR_X registers are accessed at addresses
H'(FF)FFF0 to H'(FF)FFF5
1: The TMR_Y registers are accessed at addresses
H'(FF)FFF0 to H'(FF)FFF5
6
ISGENE
0
R/W
Internal Synchronization Signal
Selects internal synchronization signals (IHG, IVG,
and CL4 signals) as the signal sources for the IHO,
IVO, and CLO signals together with the HOMOD1,
HOMOD0, VOMOD1, VOMOD0, CLMOD1, and
CLMOD0 bits.
5
4
HOMOD1
HOMOD0
0
0
R/W
R/W
Horizontal Synchronization Output Mode Select 1, 0
These bits select the signal source and generation
method for the IHO signal.
• ISGENE = 0
00: The IHI signal (without 2fH modification) is
selected
01: The IHI signal (with 2fH modification) is selected
1X: The CL1 signal is selected
• ISGENE = 1
XX: The IHG signal is selected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com