Electronic Components Datasheet Search
  English  ▼

X  

HD64F2145 Datasheet(PDF) 347 Page - Renesas Technology Corp

Part # HD64F2145
Description  Hitachi 16-Bit Single-Chip Microcomputer
PDF  829 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2145 Datasheet(HTML) 347 Page - Renesas Technology Corp

Back Button HD64F2145 Datasheet HTML 343Page - Renesas Technology Corp HD64F2145 Datasheet HTML 344Page - Renesas Technology Corp HD64F2145 Datasheet HTML 345Page - Renesas Technology Corp HD64F2145 Datasheet HTML 346Page - Renesas Technology Corp HD64F2145 Datasheet HTML 347Page - Renesas Technology Corp HD64F2145 Datasheet HTML 348Page - Renesas Technology Corp HD64F2145 Datasheet HTML 349Page - Renesas Technology Corp HD64F2145 Datasheet HTML 350Page - Renesas Technology Corp HD64F2145 Datasheet HTML 351Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 347 / 829 page
background image
Rev. 2.0, 08/02, page 307 of 788
13.3.4
Edge Sense Register (SEDGR)
SEDGR detects a rising edge on the timer connection input pins and the occurrence of 2fH
modification, and determines the phase of the IVI and IHI signals.
Bit
Bit Name
Initial Value
R/W
Description
7
VEDG
0
R/(W)*
1
VSYNCI Edge
Detects a rising edge on the VSYNCI pin.
[Clearing condition]
When 0 is written in VEDG after reading VEDG = 1
[Setting condition]
When a rising edge is detected on the VSYNCI pin
6
HEDG
0
R/(W)*
1
HSYNCI Edge
Detects a rising edge on the HSYNCI pin.
[Clearing condition]
When 0 is written in HEDG after reading HEDG = 1
[Setting condition]
When a rising edge is detected on the HSYNCI pin
5
CEDG
0
R/(W)*
1
CSYNCI Edge
Detects a rising edge on the CSYNCI pin.
[Clearing condition]
When 0 is written in CEDG after reading CEDG = 1
[Setting condition]
When a rising edge is detected on the CSYNCI pin
4
HFEDG
0
R/(W)*
1
HFBACKI Edge
Detects a rising edge on the HFBACKI pin.
[Clearing condition]
When 0 is written in HFEDG after reading HFEDG = 1
[Setting condition]
When a rising edge is detected on the HFBACKI pin
3
VFEDG
0
R/(W)*
1
VFBACKI Edge
Detects a rising edge on the VFBACKI pin.
[Clearing condition]
When 0 is written in VFEDG after reading VFEDG = 1
[Setting condition]
When a rising edge is detected on the VFBACKI pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com