| Electronic Components Datasheet Search |
|
HD64F2145 Datasheet(PDF) 350 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD64F2145 Datasheet(HTML) 350 Page - Renesas Technology Corp |
|
350 / 829 page ![]() Rev. 2.0, 08/02, page 310 of 788 IHI signal IHI signal is tested at compare-match Counter reset caused by IHI signal Counter clear caused by TCNT overflow At the 2nd compare-match, IHI signal is not tested PDC signal TCNT TCORB (threshold) Figure 13.2 Timing Chart for PWM Decoding 13.4.2 Clamp Waveform Generation (CL1/CL2/CL3 Signal Generation) The timer connection facility and TMR_X can be used to generate signals with different duty cycles and rising/falling edges (clamp waveforms) in synchronization with the input signal (IHI signal). Three clamp waveforms can be generated: the CL1, CL2, and CL3 signals. In addition, the CL4 signal can be generated using TMR_Y. The CL1 signal rises simultaneously with the rise of the IHI signal, and when the CL1 signal is high, the CL2 signal rises simultaneously with the fall of the IHI signal. The fall of both the CL1 and CL2 signals can be specified by TCORA. The rise of the CL3 signal can be specified as simultaneous with the sampling of the fall of the IHI signal using the system clock, and the fall of the CL3 signal can be specified by TCORC. The CL3 signal can also fall when the IHI signal rises. TCNT in TMR_X is set to count internal clock pulses and to be cleared on the rising edge of the external reset signal (IHI signal). The value to be used as the CL1 signal pulse width is written in TCORA. Write a value of H'02 or more in TCORA when internal clock ø is selected as the TMR_X counter clock, and a value or H'01 or more when ø/2 is selected. When internal clock ø is selected, the CL1 signal pulse width is (TCORA set value + 3 ± 0.5). When the CL2 signal is used, the setting must be made so that this pulse width is greater than the IHI signal pulse width. The value to be used as the CL3 signal pulse width is written in TCORC. TICR in TMR_X captures the value of TCNT at the inverse of the external reset signal edge (in this case, the falling edge of the IHI signal). The timing of the fall of the CL3 signal is determined by the sum of the contents of TICR and TCORC. Caution is required if the rising edge of the IHI signal precedes the fall timing set by the contents of TCORC, since the IHI signal will cause the CL3 signal to fall. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |