Electronic Components Datasheet Search
  English  ▼

X  

HD64F2145 Datasheet(PDF) 354 Page - Renesas Technology Corp

Part # HD64F2145
Description  Hitachi 16-Bit Single-Chip Microcomputer
PDF  829 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2145 Datasheet(HTML) 354 Page - Renesas Technology Corp

Back Button HD64F2145 Datasheet HTML 350Page - Renesas Technology Corp HD64F2145 Datasheet HTML 351Page - Renesas Technology Corp HD64F2145 Datasheet HTML 352Page - Renesas Technology Corp HD64F2145 Datasheet HTML 353Page - Renesas Technology Corp HD64F2145 Datasheet HTML 354Page - Renesas Technology Corp HD64F2145 Datasheet HTML 355Page - Renesas Technology Corp HD64F2145 Datasheet HTML 356Page - Renesas Technology Corp HD64F2145 Datasheet HTML 357Page - Renesas Technology Corp HD64F2145 Datasheet HTML 358Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 354 / 829 page
background image
Rev. 2.0, 08/02, page 314 of 788
IVI signal
IHI signal
divided
waveform
FRC
ICRB
ICRB(1)
ICRB(2)
ICRB(3)
ICRB(4)
Figure 13.5 Timing Chart for Measurement of IVI Signal and
IHI Signal Divided Waveform Periods
13.4.4
2fH Modification of IHI Signal
By using the timer connection facility and FRT, even if there is a part of the IHI signal with twice
the frequency, this can be eliminated. In order for this function to operate properly, the duty cycle
of the IHI signal must be approximately 30% or less, or approximately 70% or above.
The 8-bit OCRDM contents or twice the OCRDM contents can be added automatically to the data
captured in ICRD in the FRT, and compare-matches generated at these points. The interval
between the two compare-matches is called a mask interval. A value equivalent to approximately
1/3 the IHI signal period is written in OCRDM. ICRD is set so that capture is performed on the
rise of the IHI signal.
Since the IHI signal supplied to the IHO signal selection circuit is normally set on the rise of the
IHI signal and reset on the fall, its waveform is the same as that of the original IHI signal. When
2fH modification is selected, IHI signal edge detection is disabled during mask intervals. Capture
is also disabled during these intervals.
Examples of TCR, TCSR, TOCR, and OCRDM settings in the FRT are shown in table 13.7, and
the 2fH modification timing chart is shown in figure 13.6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com