Electronic Components Datasheet Search
  English  ▼

X  

HD64F2145 Datasheet(PDF) 357 Page - Renesas Technology Corp

Part # HD64F2145
Description  Hitachi 16-Bit Single-Chip Microcomputer
PDF  829 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2145 Datasheet(HTML) 357 Page - Renesas Technology Corp

Back Button HD64F2145 Datasheet HTML 353Page - Renesas Technology Corp HD64F2145 Datasheet HTML 354Page - Renesas Technology Corp HD64F2145 Datasheet HTML 355Page - Renesas Technology Corp HD64F2145 Datasheet HTML 356Page - Renesas Technology Corp HD64F2145 Datasheet HTML 357Page - Renesas Technology Corp HD64F2145 Datasheet HTML 358Page - Renesas Technology Corp HD64F2145 Datasheet HTML 359Page - Renesas Technology Corp HD64F2145 Datasheet HTML 360Page - Renesas Technology Corp HD64F2145 Datasheet HTML 361Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 357 / 829 page
background image
Rev. 2.0, 08/02, page 317 of 788
0
1
2
3
4
5
TCNT
TCNT = TCORB (3)
IHI signal
IVI signal (PDC signal)
IVO signal
(without fall modification,
with IHI synchronization)
IVO signal
(with fall modification,
without IHI synchronization)
IVO signal
(with fall modification
and IHI synchronization)
Figure 13.7 Fall Modification and IHI Synchronization Timing Chart
13.4.6
Internal Synchronization Signal Generation (IHG/IVG/CL4 Signal Generation)
By using the timer connection facility, FRT, and TMR_Y, it is possible to automatically generate
internal signals (IHG and IVG signals) corresponding to the IHI and IVI signals. As the IHG
signal is synchronized with the rise of the IVG signal, the IHG signal period must be made a
divisor of the IVG signal period in order to keep it constant. In addition, the CL4 signal can be
generated in synchronization with the IHG signal.
The contents of OCRA in the FRT are updated by the automatic addition of the contents of
OCRAR or OCRAF, alternately, each time a compare-match occurs. A value corresponding to the
0 interval of the IVG signal is written in OCRAR, and a value corresponding to the 1 interval of
the IVG signal is written in OCRAF. The IVG signal is set by a compare-match after an OCRAR
addition, and reset by a compare-match after an OCRAF addition.
The IHG signal is the TMR_Y timer output. TMR_Y is set to count internal clock pulses, and to
be cleared on a TCORA compare-match, to fix the period and set the timer output. TCORB is set
so as to reset the timer output. The IVG signal is connected as the TMR_Y reset input (TMRI),
and the rise of the IVG signal can be treated in the same way as a TCORA compare-match.
The CL4 signal is a waveform that rises within one system clock period after the fall of the IHG
signal, and has an interval of 1 for 6 system clock periods.
Examples of TCR, TCSR, TCORA, and TCORB settings in TMR_Y, and TCR, OCRAR,
OCRAF, and TOCR settings in the FRT are shown in table 13.9, and the IHG signal/IVG signal
timing chart is shown in figure 13.8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com