| Electronic Components Datasheet Search |
|
HD64F2145 Datasheet(PDF) 360 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD64F2145 Datasheet(HTML) 360 Page - Renesas Technology Corp |
|
360 / 829 page ![]() Rev. 2.0, 08/02, page 320 of 788 13.4.7 HSYNCO Output With the HSYNCO output, the meaning of the signal source to be selected and use or non-use of modification varies according to the IHI signal source and the waveform required by external circuitry. The HSYNCO output modes are shown in table 13.10. Table 13.10 HSYNCO Output Modes Mode IHI Signal IHO Signal Meaning of IHO Signal IHI signal (without 2fH modification) HFBACKI input is output directly IHI signal (with 2fH modification) Meaningless unless there is a double-frequency part in the HFBACKI input CL1 signal HFBACKI input 1 interval is changed before output No signal HFBACKI input IHG signal Internal synchronization signal is output IHI signal (without 2fH modification) CSYNCI input (composite synchronization signal) is output directly IHI signal (with 2fH modification) Double-frequency part of CSYNCI input (composite synchronization signal) is eliminated before output CL1 signal CSYNCI input (composite synchronization signal) horizontal synchronization signal part is separated before output S-on-G mode CSYNCI input IHG signal Internal synchronization signal is output IHI signal (without 2fH modification) HSYNCI input (composite synchronization signal) is output directly IHI signal (with 2fH modification) Double-frequency part of HSYNCI input (composite synchronization signal) is eliminated before output CL1 signal HSYNCI input (composite synchronization signal) horizontal synchronization signal part is separated before output Composite mode HSYNCI input IHG signal Internal synchronization signal is output IHI signal (without 2fH modification) HSYNCI input (horizontal synchronization signal) is output directly IHI signal (with 2fH modification) Meaningless unless there is a double-frequency part in the HSYNCI input (horizontal synchronization signal) CL1 signal HSYNCI input (horizontal synchronization signal) 1 interval is changed before output Separate mode HSYNCI input IHG signal Internal synchronization signal is output |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |