Electronic Components Datasheet Search
  English  ▼

X  

HD64F2145 Datasheet(PDF) 382 Page - Renesas Technology Corp

Part # HD64F2145
Description  Hitachi 16-Bit Single-Chip Microcomputer
PDF  829 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2145 Datasheet(HTML) 382 Page - Renesas Technology Corp

Back Button HD64F2145 Datasheet HTML 378Page - Renesas Technology Corp HD64F2145 Datasheet HTML 379Page - Renesas Technology Corp HD64F2145 Datasheet HTML 380Page - Renesas Technology Corp HD64F2145 Datasheet HTML 381Page - Renesas Technology Corp HD64F2145 Datasheet HTML 382Page - Renesas Technology Corp HD64F2145 Datasheet HTML 383Page - Renesas Technology Corp HD64F2145 Datasheet HTML 384Page - Renesas Technology Corp HD64F2145 Datasheet HTML 385Page - Renesas Technology Corp HD64F2145 Datasheet HTML 386Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 382 / 829 page
background image
Rev. 2.0, 08/02, page 342 of 788
15.3.1
Receive Shift Register (RSR)
RSR is a shift register used to receive serial data that converts it into parallel data. When one
frame of data has been received, it is transferred to RDR automatically. RSR cannot be directly
accessed by the CPU.
15.3.2
Receive Data Register (RDR)
RDR is an 8-bit register that stores receive data. When the SCI has received one frame of serial
data, it transfers the received serial data from RSR to RDR where it is stored. After this, RSR can
receive the next data. Since RSR and RDR function as a double buffer in this way, continuous
receive operations can be performed. After confirming that the RDRF bit in SSR is set to 1, read
RDR for only once. RDR cannot be written to by the CPU. RDR is initialized to H’00.
15.3.3
Transmit Data Register (TDR)
TDR is an 8-bit register that stores transmit data. When the SCI detects that TSR is empty, it
transfers the transmit data written in TDR to TSR and starts transmission. The double-buffered
structures of TDR and TSR enables continuous serial transmission. If the next transmit data has
already been written to TDR when one frame of data is transmitted, the SCI transfers the written
data to TSR to continue transmission. Although TDR can be read from or written to by the CPU at
all times, to achieve reliable serial transmission, write transmit data to TDR for only once after
confirming that the TDRE bit in SSR is set to 1. TDR is initialized to H’FF.
15.3.4
Transmit Shift Register (TSR)
TSR is a shift register that transmits serial data. To perform serial data transmission, the SCI first
transfers transmit data from TDR to TSR, then sends the data to the TxD pin. TSR cannot be
directly accessed by the CPU.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com