| Electronic Components Datasheet Search |
|
HD64F2145 Datasheet(PDF) 415 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD64F2145 Datasheet(HTML) 415 Page - Renesas Technology Corp |
|
415 / 829 page ![]() Rev. 2.0, 08/02, page 375 of 788 15.6.2 SCI Initialization (Clocked Synchronous Mode) Before transmitting and receiving data, you should first clear the TE and RE bits in SCR to 0, then initialize the SCI as described in a sample flowchart in figure 15.15. When the operating mode, transfer format, etc., is changed, the TE and RE bits must be cleared to 0 before making the change using the following procedure. When the TE bit is cleared to 0, the TDRE flag in SSR is set to 1. However, clearing the RE bit to 0 does not initialize the RDRF, PER, FER, and ORER flags in SSR, or RDR. Wait <Transfer start> Start initialization Set data transfer/receive format in SMR and SCMR No Yes Set value in BRR Clear TE and RE bits in SCR to 0 [2] [3] Set TE and RE bits in SCR to 1, and set RIE, TIE, TEIE, and MPIE bits [4] 1-bit interval elapsed? Set CKE1 and CKE0 bits in SCR (TE and RE bits are 0) [1] [1] Set the clock selection in SCR. Be sure to clear bits RIE, TIE, TEIE, and MPIE, TE and RE to 0. [2] Set the data transfer/receive format in SMR and SCMR. [3] Write a value corresponding to the bit rate to BRR. This step is not necessary if an external clock is used. [4] Wait at least one bit interval, then set the TE bit or RE bit in SCR to 1. Also set the RIE, TIE TEIE, and MPIE bits. Setting the TE and RE bits enables the TxD and RxD pins to be used. Note:* In simultaneous transmit and receive operations, the TE and RE bits should both be cleared to 0 or set to 1 simultaneously. Figure 15.15 Sample SCI Initialization Flowchart |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |