Electronic Components Datasheet Search
  English  ▼

X  

HD64F2145 Datasheet(PDF) 108 Page - Renesas Technology Corp

Part # HD64F2145
Description  Hitachi 16-Bit Single-Chip Microcomputer
PDF  829 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2145 Datasheet(HTML) 108 Page - Renesas Technology Corp

Back Button HD64F2145 Datasheet HTML 104Page - Renesas Technology Corp HD64F2145 Datasheet HTML 105Page - Renesas Technology Corp HD64F2145 Datasheet HTML 106Page - Renesas Technology Corp HD64F2145 Datasheet HTML 107Page - Renesas Technology Corp HD64F2145 Datasheet HTML 108Page - Renesas Technology Corp HD64F2145 Datasheet HTML 109Page - Renesas Technology Corp HD64F2145 Datasheet HTML 110Page - Renesas Technology Corp HD64F2145 Datasheet HTML 111Page - Renesas Technology Corp HD64F2145 Datasheet HTML 112Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 829 page
background image
Rev. 2.0, 08/02, page 68 of 788
Bit
Bit Name
Initial Value
R/W
Description
3
FLSHE
0
R/W
Flash Memory Control Register Enable
Enables or disables CPU access for flash memory
registers (FLMCR1, FLMCR2, EBR1, EBR2), control
registers in power-down state (SBYCR, LPWRCR,
MSTPCRH, MSTPCRL), and control registers of on-
chip peripheral modules (PCSR, SYSCR2).
0: Registers in power-down state and control
registers of on-chip peripheral modules are accessed
in an area from H’(FF)FF80 to H’(FF)FF87.
1: Control registers of flash memory are accessed in
an area from H’(FF)FF80 to H’(FF)FF87.
2—
0
R/(W)
Reserved
The initial value should not be changed.
1
0
ICKS1
ICKS0
0
0
R/W
R/W
Internal Clock Source Select 1, 0
These bits select a clock to be input to the timer
counter (TCNT) and a count condition together with
bits CKS2 to CKS0 in the timer control register
(TCR). For details, refer to section 12.3.4, Timer
Control Register (TCR).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com