Electronic Components Datasheet Search
  English  ▼

X  

HD64F2145 Datasheet(PDF) 109 Page - Renesas Technology Corp

Part # HD64F2145
Description  Hitachi 16-Bit Single-Chip Microcomputer
PDF  829 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2145 Datasheet(HTML) 109 Page - Renesas Technology Corp

Back Button HD64F2145 Datasheet HTML 105Page - Renesas Technology Corp HD64F2145 Datasheet HTML 106Page - Renesas Technology Corp HD64F2145 Datasheet HTML 107Page - Renesas Technology Corp HD64F2145 Datasheet HTML 108Page - Renesas Technology Corp HD64F2145 Datasheet HTML 109Page - Renesas Technology Corp HD64F2145 Datasheet HTML 110Page - Renesas Technology Corp HD64F2145 Datasheet HTML 111Page - Renesas Technology Corp HD64F2145 Datasheet HTML 112Page - Renesas Technology Corp HD64F2145 Datasheet HTML 113Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 829 page
background image
Rev. 2.0, 08/02, page 69 of 788
3.3
Operating Mode Descriptions
3.3.1
Mode 1
The CPU can access a 64-kbyte address space in normal mode. The on-chip ROM is disabled.
Ports 1 and 2 function as an address bus, port 3 functions as a data bus, and part of port 9 carries
bus control signals. Clearing the ABW bit to 0 in the WSCR register makes port B a data bus.
3.3.2
Mode 2
The CPU can access a 16-Mbyte address space in advanced mode. The on-chip ROM is enabled.
After a reset, the LSI is set to single-chip mode. To access an external address space, bit EXPE in
MDCR should be set to 1.
When the EXPE bit in MDCR is set to 1, ports 1, 2 and A function as input ports after a reset.
Ports 1, 2 and A output an address by setting 1 to the corresponding port data direction register
(DDR). Port 3 functions as a data bus, and parts of port 9 carry bus control signals. Port B
functions as a data bus when the ABW bit in WSCR is cleared to 0.
3.3.3
Mode 3
The CPU can access a 64-kbyte address space in normal mode. The on-chip ROM is enabled. The
CPU can access a 56-kbyte address space in mode 3.
After a reset, the LSI is set to single-chip mode. To access an external address space, bit EXPE in
MDCR should be set to 1.
When the EXPE bit in MDCR is set to 1, ports 1 and 2 function as input ports after a reset. Ports 1
and 2 function as an address bus by setting 1 to the corresponding port data direction register
(DDR). Port 3 functions as a data bus, and parts of port 9 carry bus control signals. Port B
functions as a data bus when the ABW bit in WSCR is cleared to 0.
3.3.4
Pin Functions in Each Operating Mode
Pin functions of ports 1 to 3, 9, A, and B depend on the operating mode. Table 3.2 shows pin
functions in each operating mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com