Electronic Components Datasheet Search
  English  ▼

X  

STR100 Datasheet(PDF) 1 Page - ZIEHL industrie-elektronik GmbH + Co KG

Part # STR100
Description  Safety Temperature-Limiting-Device STR100
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZIEHL [ZIEHL industrie-elektronik GmbH + Co KG]
Direct Link  https://www.ziehl.com
Logo ZIEHL - ZIEHL industrie-elektronik GmbH + Co KG

STR100 Datasheet(HTML) 1 Page - ZIEHL industrie-elektronik GmbH + Co KG

  STR100 Datasheet HTML 1Page - ZIEHL industrie-elektronik GmbH + Co KG STR100 Datasheet HTML 2Page - ZIEHL industrie-elektronik GmbH + Co KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
51
ZIEHL industrie-elektronik, 74523 Schwäbisch Hall, Germany, +49 791 504-0, info@ziehl.de, www.ziehl.de
The safety temperature limiting de-
vice STR100 detects the resistance
of a Pt100-sensor connected to the
input. This is linearized and evalu-
ated in 2 separated channels. If the
measured temperature is smaller
than the limit value adjusted, both
outputrelaysarepickedup.Todothis,
aresethastobemadeafterswitching
on the supply voltage (close contact
between terminals 3+4). The relays
are wired in such a way to have the
function of a change-over switch to
the outside. The load circuit is only
closed when both relays are picked
up. If a malfunction occurs or if the
limit value is exceeded, both relays
are released and the load circuit is
separated. The released relays K1
and K2 are indicated by the lighting
up of the red LEDs. When the limit
value is exceeded, a third relay picks
up which is used for error indication.
Interruption of the sensor or short-
circuit are signaled by a red LED
each and also lead to disconnection
of both channels.
Only when the temperature has
fallen below the response value by
the switching hysteresis of about
10°C and no malfunction occurs, it
is possible for the STR 100 to close
the load circuit after actuating the
reset key.
Readiness for switching on is
displayed by the third relay and
a LED. An incorporated safety
fuse avoids welding of the relay
contacts.
Safety temperature limiting
device meets safety category
3 (SK 3) as per DIN EN 954-1
SIL2 according to IEC61508
ConnectionforPt100sensors
as per EN 60751/IEC 60751
can be delivered with
measuring-range between
-200 and +700 °C
2-channel evaluation
Sensormonitoringforinterrup-
tion and short-circuit
LED-displays for relay posi-
tion, error messages and
readyness for switching on
Relay for message readiness
for switching on
Setting of limit value to be
sealed
Incorporated reset key
Connection for external reset
key
Assembly-friendly plug-in
base housing S 12
1
Safety Temperature-Limiting-Device
Description
Safety Temperature-Limiting-Device STR100
for Pt100
The electrical safety temperature
limiting device type STR100, in
connection with Pt100 sensors,
monitors temperatures in ap-
plications for which monitoring
with increased safety is required.
Functioning corresponds to type
2BDK as per VDE 0631.
ThelimittemperatureTcanbeset
at the front by means of a scaled
potentiometer. An unauthorized
or unintended manipulation of
the limit is prevented by a trans-
parent plastic-plate which can
be sealed.A potential free relay
contact is switched off when
exceeding the limit value.
Safety temperature limiting devices are used in plants
when temperature monitoring has to meet high require-
ments:
• Industrial furnace plants
• Dyeing machines
• Thermal oil plants
ThedevicecabeusedincombinationwithsensorsPt100
(RTD). The suitability must be proved in combination
with the used sensors. Regular checks are stipulated
for enhanced safety requirements.
The safe STR100 can be used in applications, in which
an increased safety level up to SIL 2, PL c is required.
It meets the requirements of safety category 3 (Safety
of machines according to DIN EN 954-1, for models
with supply-voltage DC 24 V and AC 230 V tested
and approved by TÜV Rheinland with reports T24/00,
19.6.2000, T103/2007, 25.1.2007 and Z103/2007 E2,
12.9.07. Reports see homepage www.ziehl.de).
2017-03-24
•
•
•
•
•
•
•
•
•
•
•
•
•
SIL
IEC 61508
Part numbers:
T224148 0...200 °C
AC 230 V
T224142 100...300 °C AC 230 V
T224144 200...500 °C AC 230 V
T224058 0...200 °C
DC 24 V
T224059 100...300 °C DC 24 V
T224062 200...500 °C DC 24 V
Other measuring ranges upon request
STR100


Similar Part No. - STR100

ManufacturerPart #DatasheetDescription
logo
Lumins Inc.
STR100 LUMINIS-STR100 Datasheet
447Kb / 2P
SPECTRUM 100
logo
List of Unclassifed Man...
STR10006 ETC1-STR10006 Datasheet
115Kb / 4P
STR10006
More results

Similar Description - STR100

ManufacturerPart #DatasheetDescription
logo
BOWEI Integrated Circui...
HE072B BOWEI-HE072B Datasheet
68Kb / 1P
Limiting Amplifier
HE073 BOWEI-HE073 Datasheet
104Kb / 1P
Limiting Amplifier
logo
Richtek Technology Corp...
RT9719 RICHTEK-RT9719 Datasheet
186Kb / 10P
Charging System Safety Device
RT9730 RICHTEK-RT9730 Datasheet
167Kb / 9P
Charging System Safety Device
logo
M/A-COM Technology Solu...
LA7_SMLA7 MA-COM-LA7_SMLA7 Datasheet
1Mb / 3P
Limiting Amplifier
logo
Analog Devices
ADN2891 AD-ADN2891_17 Datasheet
596Kb / 16P
Limiting Amplifier
3/2017-Rev. A to Rev. B
logo
PHOENIX CONTACT
2903243 PHOENIX-2903243 Datasheet
52Kb / 4P
Safety device - PSR-SPP- 24DC/RSM4/4X1-KOC
2981538 PHOENIX-2981538 Datasheet
168Kb / 7P
Safety device - PSR-SCP- 24DC/RSM4/4X1
1249515 PHOENIX-1249515 Datasheet
384Kb / 10P
Safety device - PSR-MM35-1NO-1DO-24DC-SC
Nov 3, 2022
1249516 PHOENIX-1249516 Datasheet
384Kb / 10P
Safety device - PSR-MM35-1NO-1DO-24DC-SP
Nov 3, 2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com