Electronic Components Datasheet Search
  English  ▼

X  

STR100 Datasheet(PDF) 2 Page - ZIEHL industrie-elektronik GmbH + Co KG

Part # STR100
Description  Safety Temperature-Limiting-Device STR100
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZIEHL [ZIEHL industrie-elektronik GmbH + Co KG]
Direct Link  https://www.ziehl.com
Logo ZIEHL - ZIEHL industrie-elektronik GmbH + Co KG

STR100 Datasheet(HTML) 2 Page - ZIEHL industrie-elektronik GmbH + Co KG

  STR100 Datasheet HTML 1Page - ZIEHL industrie-elektronik GmbH + Co KG STR100 Datasheet HTML 2Page - ZIEHL industrie-elektronik GmbH + Co KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
52
ZIEHL industrie-elektronik, 74523 Schwäbisch Hall, Germany, +49 791 504-0, info@ziehl.de, www.ziehl.de
Safety Temperature-Limiting-Device
Technische Daten STR100
Power supply
Relay outputs
Testing conditions
Housing
Switching points
Sensor-Input
AC 230 V
DC 24 V
-10...+10%
-15...+25%
< 2 VA
< 3W
50/60 Hz
2-wire Pt 100 acc. to EN 60751/IEC 751, α = 0,00385
< 3,15 mA (< 10 mA bei -200...+0°C)
< 2 V, open terminals < 15 V
Standard = 0,5 Ω, Option: max. 30 Ω
Over-temperature, sensor break, sensor short circuit
and malfunction
adjustable
10°C (±25%)
with reset key at the front or an external key
1 change-over contact (CO)
max. AC 400 V
max. DC 300 V
max. 6 A
max. 2000 VA (ohmic load)
max. 48 W at DC 24 V
6 A
2 A AC 15 400V
2 A DC 13 24 V
4 A AC 11/AC 15 230V
3,15 A slow blow, 4 A flink
3 x 107 operations
1 x 105 operations with 240 V/6 A
0,5
EN 50178, EN 61010-1, EN 60947-5
AC 250 V
2 (normal)
4000 V
III
EN 61558-2-6 (VDE 0551)
EN 61000-6-2, EN 61326-1
Class B EN 50081-1
100 %
0...50°C EN 60068-2-1 dry heat
Design S 12 (plugable): 82 x 42 x 121 [mm]
12-pole, each 2 x 1,5 mm2
IP 40
IP 20
any
Snap mounting on 35 mm standard rail conforms to
DIN EN 50 022 or M4 screws
1 mm deflection 25 Hz/ 10 g 25-100 Hz
10 g 20 ms
20 g 4 ms
approx. 300 g
Rated supply-voltage Us
Adm. tolerance Us
Power consumption
Frequency
Max. current
Max. voltage
Line resistance
Switching off
Limit value T
Switching hysteresis
Reset
Switching voltage
Switching current
Switching power
nominal continous current Ith
nominal operating current Ie
recommended fuse for contacts
expected life mechanical
expected life electrical
derating factor cos j 0,3
Rated insulation voltage
Contamination level
Rated impulse withstand volta-
ge
Overvolatage category
Transformer
Interference resistance industry
Interference transmission
"on"-period
Rated ambient temperature
range
Dimensions H x B x T
wire-connection
Protection housing
Protection terminals
Fitting position
Fastening
Vibration resistance
Shock resistance
Weight
2017-03-24



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com