Electronic Components Datasheet Search
  English  ▼

X  

0830612 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0830612
Description  Label for rough surfaces - EML-HA (19X6)R SR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0830612 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0830612 Datasheet HTML 1Page - PHOENIX CONTACT 0830612 Datasheet HTML 2Page - PHOENIX CONTACT 0830612 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
https://www.phoenixcontact.com/pi/products/0830612
08/26/2019   Page 1 / 3
Label for rough surfaces - EML-HA (19X6)R SR - 0830612
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Label for rough surfaces, Roll, silver, unlabeled, can be labeled with: THERMOMARK ROLLMASTER
300/600, THERMOMARK X1.2, THERMOMARK ROLL X1, THERMOMARK ROLL 2.0, THERMOMARK
ROLL, mounting type: adhesive, lettering field size: 19 x 6 mm
Your advantages
 EML-HA … self-adhesive device markers are suitable for marking various types of equipment in control, system, and control cabinet
manufacturing.
 The EML-HA features a special adhesive with a very high bonding strength. This means it can be stuck onto rough, textured, and low-energy
surfaces.
 When combined with the right ink ribbon, the marking is highly resistant to solvents and mechanical influences. The marking is even suitable for
use under harsh industrial conditions.
 The EML-HA ... ... materials are UL-listed
 Marking service: Phoenix Contact can custom-mark all EML-HA ... markers according to your requirements
Key Commercial Data
Packing unit
1 pc
GTIN
GTIN
4046356719667
Technical data
Dimensions
Length (b)
6 mm
Width (a)
19 mm
Ambient conditions
Ambient temperature (operation)
-40 °C ... 105 °C
Ambient temperature (assembly)
> 5 °C
Recommended storage conditions
23 °C/50 % relative humidity. Storage in a dry and dark place in the
original packaging is recommended.
General
Color
silver


Similar Part No. - 0830612

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0830610 PHOENIX-0830610 Datasheet
50Kb / 3P
Label for rough plastic surfaces - EML-HA (85X32)R
0830611 PHOENIX-0830611 Datasheet
51Kb / 3P
Label for rough plastic surfaces - EML-HA (15X9)R SR
0830613 PHOENIX-0830613 Datasheet
51Kb / 3P
Label for rough plastic surfaces - EML-HA (20X20)R SR
0830614 PHOENIX-0830614 Datasheet
51Kb / 3P
Label for rough plastic surfaces - EML-HA (26,5X12)R SR
0830615 PHOENIX-0830615 Datasheet
51Kb / 3P
Label for rough plastic surfaces - EML-HA (40X8)R SR
More results

Similar Description - 0830612

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0830601 PHOENIX-0830601 Datasheet
50Kb / 3P
Label for rough plastic surfaces - EML-HA (19X6)R
0830611 PHOENIX-0830611 Datasheet
51Kb / 3P
Label for rough plastic surfaces - EML-HA (15X9)R SR
0830613 PHOENIX-0830613 Datasheet
51Kb / 3P
Label for rough plastic surfaces - EML-HA (20X20)R SR
0830615 PHOENIX-0830615 Datasheet
51Kb / 3P
Label for rough plastic surfaces - EML-HA (40X8)R SR
0830616 PHOENIX-0830616 Datasheet
50Kb / 3P
Label for rough plastic surfaces - EML-HA (40X15)R SR
0830617 PHOENIX-0830617 Datasheet
50Kb / 3P
Label for rough plastic surfaces - EML-HA (60X30)R SR
0830619 PHOENIX-0830619 Datasheet
51Kb / 3P
Label for rough plastic surfaces - EML-HA (70X150)R SR
0830620 PHOENIX-0830620 Datasheet
51Kb / 3P
Label for rough plastic surfaces - EML-HA (76X51)R SR
0830733 PHOENIX-0830733 Datasheet
50Kb / 3P
Label for rough plastic surfaces - EML-HA (51X25)R SR
0830734 PHOENIX-0830734 Datasheet
50Kb / 3P
Label for rough plastic surfaces - EML-HA (70X50)R SR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com