Electronic Components Datasheet Search
  English  ▼

X  

0830612 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 0830612
Description  Label for rough surfaces - EML-HA (19X6)R SR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0830612 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  0830612 Datasheet HTML 1Page - PHOENIX CONTACT 0830612 Datasheet HTML 2Page - PHOENIX CONTACT 0830612 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
https://www.phoenixcontact.com/pi/products/0830612
08/26/2019   Page 2 / 3
Label for rough surfaces - EML-HA (19X6)R SR - 0830612
Technical data
General
Components
free from silicone and halogen
Material
Polyester
RoHS compliant
Yes
Wipe resistance
DIN EN 61010-1 (VDE 0411-1)
Number of individual labels
2500
Number of individual labels per row
4
Printability
Thermal transfer
Device
5146477 THERMOMARK ROLL
5146723 THERMOMARK ROLL X1
5146231 THERMOMARK X1.2
Ink ribbon
5145384 THERMOMARK-RIBBON 110
Test for substances that would hinder coating with paint or varnish
VW PV 3.10.7:2005-02
Result
Test passed
Test specification weathering-resistance
Following ISO 4892-2:2013-03
Test duration
96 h
Result of weather resistance test
Test passed
Salt spray test specification
DIN EN 60068-2-11:2000-02
Test duration
96 h
Salt spray testing result
Test passed
Wipe resistance of test specification inscriptions
DIN EN 61010-1 (VDE 0411-1):2011-07
Result of wipe resistance test
Test passed
Foil strength
56 µm
Adhesive strength
65 µm
Marking mounting type
adhesive
Standards and Regulations
Connection in acc. with standard
UL
Wipe resistance
DIN EN 61010-1 (VDE 0411-1)
Environmental Product Compliance
2-(2H-benzotriazol-2-yl)-4,6-ditertpentylphenol (UV-328) 25973-55-1
Approvals
Approvals
Approvals
UL Recognized / CSA
Ex Approvals



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com