Electronic Components Datasheet Search
  English  ▼

X  

SP3213 Datasheet(PDF) 4 Page - Littelfuse

Part # SP3213
Description  SP3213 0.09pF 12kV Bidirectional Discrete TVS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SP3213 Datasheet(HTML) 4 Page - Littelfuse

  SP3213 Datasheet HTML 1Page - Littelfuse SP3213 Datasheet HTML 2Page - Littelfuse SP3213 Datasheet HTML 3Page - Littelfuse SP3213 Datasheet HTML 4Page - Littelfuse SP3213 Datasheet HTML 5Page - Littelfuse SP3213 Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
©2019 Littelfuse, Inc.
Specifications are subject to change without notice.
TVS Diode Arrays (SPA®Diodes)
Revision: 03/21/19
TVS Diode Arrays (SPA® Diodes)
General Purpose ESD Protection - SP1026
3.4 Gbps, High Speed Display interfaces
6 Gbps, SATA, HDMI 2.x interfaces
10 Gbps, USB 3.1 Gen 2,Thunderbolt
Ultra Low Capacitance ESD Protection - SP3213



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com