Electronic Components Datasheet Search
  English  ▼

X  

SP3213 Datasheet(PDF) 1 Page - Littelfuse

Part # SP3213
Description  SP3213 0.09pF 12kV Bidirectional Discrete TVS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SP3213 Datasheet(HTML) 1 Page - Littelfuse

  SP3213 Datasheet HTML 1Page - Littelfuse SP3213 Datasheet HTML 2Page - Littelfuse SP3213 Datasheet HTML 3Page - Littelfuse SP3213 Datasheet HTML 4Page - Littelfuse SP3213 Datasheet HTML 5Page - Littelfuse SP3213 Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
©2019 Littelfuse, Inc.
Specifications are subject to change without notice.
TVS Diode Arrays (SPA®Diodes)
Revision: 03/21/19
TVS Diode Arrays (SPA® Diodes)
General Purpose ESD Protection - SP1026
Description
Applications
The SP3213 is a bidirectional TVS Diode that provides ultra
low capacitance and a high level of protection for electronic
equipment that may experience destructive electrostatic
discharges (ESD). The typical capacitance of 0.09pF helps
ensure signal integrity on the most challenging consumer
electronics interfaces such as USB 3.2, 3.1, HDMI 2.1, 2.0,
DisplayPort, Thunderbolt, and V-by-One®.
It can safely absorb repetitive ESD strikes at ±12kV
(contact discharge, IEC 61000-4-2) without performance
degradation and safely dissipate 2A of 8/20μs surge current
(IEC 61000-4-5 2nd edition).
Features
• ESD, IEC 61000-4-2,
±12kV contact, ±18kV air
• EFT, IEC 61000-4-4, 40A
(5/50ns)
• Lightning, 2A (8/20 as
defined in IEC 61000-4-5
2nd Edition)
• Low leakage current of
0.02μA(TYP) at 5V
• Space efficient 0201
footprint
• AEC-Q101 qualified
• Halogen free, lead free
and RoHS compliant
• Moisture Sensitivity
Level(MSL -1)
• Ultra-high speed data
lines
• USB 3.2, 3.1, 3.0, and 2.0
• HDMI 2.1, 2.0, 1.4a, 1.3
• DisplayPort(TM)
• Thunderbolt (Light Peak)
• V-by-One®
• LVDS interfaces
• Consumer, mobile and
portable electronics
• Tablet PC and external
storage with high speed
interfaces
Pinout
Functional Block Diagram
Life Support Note:
Not Intended for Use in Life Support or Life Saving Applications
The products shown herein are not designed for use in life sustaining or life saving
applications unless otherwise expressly indicated.
SP3213 0.09pF 12kV Bidirectional Discrete TVS
1
2
Ultra Low Capacitance ESD Protection - SP3213
RoHS Pb GREEN


Similar Part No. - SP3213

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SP32 ETC2-SP32 Datasheet
178Kb / 3P
Heat Shrink
logo
Multicomp Pro
SP32/1.2/BLACK MULTICOMP-SP32/1.2/BLACK Datasheet
191Kb / 3P
Heat Shrinks
19/03/21 V1.0
logo
Pro-Power
SP32/1.2/BLACK PROPOWER-SP32/1.2/BLACK Datasheet
185Kb / 8P
SP Series Heat Shrink Tubing
18/04/06 V1.0
logo
Multicomp Pro
SP32/1.2/BLUE MULTICOMP-SP32/1.2/BLUE Datasheet
191Kb / 3P
Heat Shrinks
19/03/21 V1.0
logo
Pro-Power
SP32/1.2/BLUE PROPOWER-SP32/1.2/BLUE Datasheet
185Kb / 8P
SP Series Heat Shrink Tubing
18/04/06 V1.0
More results

Similar Description - SP3213

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP1014 LITTELFUSE-SP1014 Datasheet
2Mb / 4P
SP1014 Series 6pF 12kV Bidirectional Discrete TVS
SP3118 LITTELFUSE-SP3118 Datasheet
2Mb / 5P
0.3pF 10KV Bidirectional Discrete TVS
SD-C LITTELFUSE-SD-C Datasheet
1,012Kb / 7P
450W Discrete Bidirectional TVS Diode
SP1005 LITTELFUSE-SP1005_17 Datasheet
915Kb / 5P
30pF 30kV Bidirectional Discrete TVS
SP1009 LITTELFUSE-SP1009 Datasheet
656Kb / 4P
30pF 30kV Bidirectional Discrete TVS
SPHV-C LITTELFUSE-SPHV-C Datasheet
997Kb / 6P
200W Discrete Bidirectional TVS Diode
SPXX LITTELFUSE-SPXX Datasheet
1,014Kb / 6P
100W Discrete Bidirectional TVS Diode
SP1021 LITTELFUSE-SP1021 Datasheet
986Kb / 4P
SP1021 Series 6pF 12kV Bidirectional Discrete TVS
SP3208 LITTELFUSE-SP3208 Datasheet
1Mb / 6P
SP3208 0.08pF 12kV Bidirectional Discrete TVS
SP1103C LITTELFUSE-SP1103C Datasheet
704Kb / 5P
80A Discrete Bidirectional TVS Diode
2022 Littelfuse, Inc.
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com