Electronic Components Datasheet Search
  English  ▼

X  

OP200 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # OP200
Description  Service Program Manual
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

OP200 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button OP200 Datasheet HTML 17Page - List of Unclassifed Manufacturers OP200 Datasheet HTML 18Page - List of Unclassifed Manufacturers OP200 Datasheet HTML 19Page - List of Unclassifed Manufacturers OP200 Datasheet HTML 20Page - List of Unclassifed Manufacturers OP200 Datasheet HTML 21Page - List of Unclassifed Manufacturers OP200 Datasheet HTML 22Page - List of Unclassifed Manufacturers OP200 Datasheet HTML 23Page - List of Unclassifed Manufacturers OP200 Datasheet HTML 24Page - List of Unclassifed Manufacturers OP200 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
2 Service program features
5140241-100 rev 3
Instrumentarium Dental
15
Fig 2.1. Led procedures concerning movement of the rotating unit.
CEPHUP
Vertical movement down button
on cephalostat
8
Sr 74 IOC, page 5L
Sr 74 IOC, page 5H
Signal name
Description
(Status, when the LED is lit)
LED
ROT1SW
Rotational movement switch 1
(see fig 2.1)
1
ROT2SW
Rotational movement switch 2
(see fig 2.1)
2
ROT3SW
Rotational movement switch 3
(see fig 2.1)
3
ROT4SW
Rotational movement switch 4
(see fig 2.1)
4
ZMIDSW
Vertical movement mid switch
5
ZLIMSW
Vertical movement limit switch
6
CEPHMIDSW
Cephalostat middle switch
7
CEPHLIMSW
Cephalostat limit switch
8
Approved: Äärynen Teemu 2008-05-19 06:07
Reviewed: Rintamäki Markus 2008-05-16 15:20
Approved
D500293, 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com