Electronic Components Datasheet Search
  English  ▼

X  

OC200D Datasheet(PDF) 34 Page - List of Unclassifed Manufacturers

Part # OC200D
Description  Service Program Manual
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

OC200D Datasheet(HTML) 34 Page - List of Unclassifed Manufacturers

Back Button OC200D Datasheet HTML 30Page - List of Unclassifed Manufacturers OC200D Datasheet HTML 31Page - List of Unclassifed Manufacturers OC200D Datasheet HTML 32Page - List of Unclassifed Manufacturers OC200D Datasheet HTML 33Page - List of Unclassifed Manufacturers OC200D Datasheet HTML 34Page - List of Unclassifed Manufacturers OC200D Datasheet HTML 35Page - List of Unclassifed Manufacturers OC200D Datasheet HTML 36Page - List of Unclassifed Manufacturers OC200D Datasheet HTML 37Page - List of Unclassifed Manufacturers OC200D Datasheet HTML 38Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 42 page
background image
2 Service program features
28
Instrumentarium Dental
5140241-100 rev 3
Sr 89 COP: COUNTRY OPTIONS
Option
Value
Description
1
rE
OFF
Exposure is possible with both control
panel and remote exposure button.
on
Exposure is possible only with the
remote exposure button in AEC and
Manual mode. In the test mode
exposure is possible from both
remote exposure button and control
panel.
2
C1
(Film
only)
OFF
Image size 24x30 cm is allowed.
on
Image size 24x30 is prohibited.
Initiating an exposure with the 24x30
collimator results in a collimator error.
3
nA
OFF
AEC is available in normal operating
mode.
on
AEC is disabled; OP200 can be used
without AEC Board (useful in eg.
OP200 CR models missing this
feature).
4
FE
OFF
Exposure values are selected is steps
as combinations of kV/mA/s. The
difference in radiation output between
each step is constant.
on
"Free selection" is enabled. Exposure
values (kV/mA/s) can be selected
independently of each other.
5
Er
OFF
Error messages are not sent to the
Ortho ID device.
on
Error messages are sent to the Ortho
ID.
6
P6
OFF
The Lateral TMJ imaging program is
used as imaging program P6.
on
The Ortho (axially corrected) Lateral
TMJ imaging program is used as
imaging program P6.
7
Or
(FILM
ONLY)
OFF
Ortho Trans is disabled.
on
Ortho Trans is enabled.
Approved: Äärynen Teemu 2008-05-19 06:07
Reviewed: Rintamäki Markus 2008-05-16 15:20
Approved
D500293, 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com