Electronic Components Datasheet Search
  English  ▼

X  

OC200 Datasheet(PDF) 33 Page - List of Unclassifed Manufacturers

Part # OC200
Description  Service Program Manual
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

OC200 Datasheet(HTML) 33 Page - List of Unclassifed Manufacturers

Back Button OC200 Datasheet HTML 29Page - List of Unclassifed Manufacturers OC200 Datasheet HTML 30Page - List of Unclassifed Manufacturers OC200 Datasheet HTML 31Page - List of Unclassifed Manufacturers OC200 Datasheet HTML 32Page - List of Unclassifed Manufacturers OC200 Datasheet HTML 33Page - List of Unclassifed Manufacturers OC200 Datasheet HTML 34Page - List of Unclassifed Manufacturers OC200 Datasheet HTML 35Page - List of Unclassifed Manufacturers OC200 Datasheet HTML 36Page - List of Unclassifed Manufacturers OC200 Datasheet HTML 37Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 42 page
background image
2 Service program features
5140241-100 rev 3
Instrumentarium Dental
27
2.15 Sr 88 CAL: Set cephalostat alignment
value (film units only)
To align the THA with the cephalostat. The adjustment
value set here affects the rotational angle of the THA, and
thereby the horizontal position of the x-ray beam on the
film. A positive adjustment value moves the beam to the
right and vice versa. The value is shown in centimeters.
Usage:
1. Select Sr 88 CAL. The current adjustment value is
shown on the time/dose display.
2. Using the left and right buttons, modify the adjustment
value as appropriate.
3. Press OK to exit the program.
2.16 Sr 89 COP: Set country options
Lets you customize the unit according to regional
regulations and user expectations.
Lists a number of options, each having a number (shown in
the kV field) and a short name (shown in the mA field). The
value associated with the option is shown in the time/dose
field. The options available are described below.
Approved: Äärynen Teemu 2008-05-19 06:07
Reviewed: Rintamäki Markus 2008-05-16 15:20
Approved
D500293, 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com