Electronic Components Datasheet Search
  English  ▼

X  

OC200 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # OC200
Description  Service Program Manual
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

OC200 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button OC200 Datasheet HTML 4Page - List of Unclassifed Manufacturers OC200 Datasheet HTML 5Page - List of Unclassifed Manufacturers OC200 Datasheet HTML 6Page - List of Unclassifed Manufacturers OC200 Datasheet HTML 7Page - List of Unclassifed Manufacturers OC200 Datasheet HTML 8Page - List of Unclassifed Manufacturers OC200 Datasheet HTML 9Page - List of Unclassifed Manufacturers OC200 Datasheet HTML 10Page - List of Unclassifed Manufacturers OC200 Datasheet HTML 11Page - List of Unclassifed Manufacturers OC200 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
1 Introduction
2
Instrumentarium Dental
5140241-100 rev 3
1.3 Service program quick reference
SERVICE PROGRAM
REFERENCE TABLE
Sr
70
Log
ERROR LOG PROGRAM
Display failure counters.
Sr
71
PAy
SET TRIAL PERIOD LIMIT
Set the length of the trial period (lease time).
Sr
72
LCA
LATERAL CASSETTE ADJUSTMENT
(Film units only)
Adjust the symmetry of TMJ image areas.
Sr
74
IOC
INPUT / OUTPUT SIGNAL CHECK
Display the states of the CPU's input/output signals.
Sr
76
PUP
WARMING UP SEQUENCE
Warm up the X-ray tube after installation or when the
unit has not been used in a while.
Sr
77
Prh
PREHEAT ADJUSTMENT
Perform an automatic preheat adjustment.
Sr
78
thA
DOSE CALIBRATION CONSTANT SELECTION
Set the dose calibration constant according to the
tubehead's dose rate.
Sr
79
SUP
LINE VOLTAGE DISPLAY
Display the line voltage.
Sr
80
CrL
INDIVIDUAL MOTOR MOVEMENT TESTS
Test drive individual motors to ensure proper
operation.
Sr
81
bPL
BITEPLATE TEST PROGRAM
Display the currently attached biteplate and the
corresponding input voltages (only with VT enabled).
Sr
82
COL
COLLIMATOR INFORMATION PROGRAM
Display collimator configuration and I/O signal states.
Sr
87
LAL
LINEAR ADJUSTMENT VALUE
Adjust the linear position of the sharp layer in VT
images (only with VT enabled).
Approved: Äärynen Teemu 2008-05-19 06:07
Reviewed: Rintamäki Markus 2008-05-16 15:20
Approved
D500293, 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com