Electronic Components Datasheet Search
  English  ▼

X  

MA100 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MA100
Description  Rotary Knob Kit for the MagAlpha
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MA100 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MA100 Datasheet HTML 1Page - Monolithic Power Systems MA100 Datasheet HTML 2Page - Monolithic Power Systems MA100 Datasheet HTML 3Page - Monolithic Power Systems MA100 Datasheet HTML 4Page - Monolithic Power Systems MA100 Datasheet HTML 5Page - Monolithic Power Systems MA100 Datasheet HTML 6Page - Monolithic Power Systems MA100 Datasheet HTML 7Page - Monolithic Power Systems MA100 Datasheet HTML 8Page - Monolithic Power Systems MA100 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
EVKT-KNOB
– ROTARY KNOB KIT FOR THE MAGALPHA
EVKT-KNOB
www.MonolithicPower.com
5
12/10/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
Connector Pin-Out
Figure 7: Connector Pin-Out Type 1
Table 3: Connector Pin Mapping Type 1
Pin
Name
Description
CN1.1
VDD
3.3V supply.
CN1.2
GND
Ground.
CN1.3
CS
Chip select (serial).
CN1.4
SCLK
Clock (serial).
CN1.5
TEST
Test pin.
CN1.6
MOSI
Master out slave in (serial).
CN1.7
MISO
Master in slave out (serial).
CN1.8
-
Leave unconnected.
CN1.9
V_FLASH
Flash power supply (3.9V only powered during flashing).
CN1.10
PWM1
Pulse width modulation output (option).
CN1.11
U1
U output (motor commutation option).
CN1.12
V1
V output (motor commutation option).
CN1.13
W1
W output (motor commutation option).
CN1.14
A1
A output (incremental encoder option).
CN1.15
B1
B output (incremental encoder option).
CN1.16
Z1
Z output (incremental encoder option).
NOTE:
1)
The availability of this option depends of the chip part ID. Please refer to the part datasheet directly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com