Electronic Components Datasheet Search
  English  ▼

X  

MA100 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MA100
Description  Rotary Knob Kit for the MagAlpha
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MA100 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MA100 Datasheet HTML 1Page - Monolithic Power Systems MA100 Datasheet HTML 2Page - Monolithic Power Systems MA100 Datasheet HTML 3Page - Monolithic Power Systems MA100 Datasheet HTML 4Page - Monolithic Power Systems MA100 Datasheet HTML 5Page - Monolithic Power Systems MA100 Datasheet HTML 6Page - Monolithic Power Systems MA100 Datasheet HTML 7Page - Monolithic Power Systems MA100 Datasheet HTML 8Page - Monolithic Power Systems MA100 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
EVKT702-KNOB-Q-01A
Rotary Knob Kit for the MagAlpha
EVKT-KNOB
www.MonolithicPower.com
1
12/10/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
DESCRIPTION
The EVKT-KNOB is an evaluation kit for the
MagAlpha magnetic position sensor family. The
EVKT-KNOB allows users to run and test the
MagAlpha
sensor
quickly.
It
is
delivered
assembled with a knob and magnet. The
sensor
is
mounted
in
an
end-of-shaft
configuration.
The
EVKT-KNOB
is
compatible
with
the
MACOM kit, offering seamless connection and
operation of the MagAlpha and allowing users
to
evaluate
MagAlpha
functionalities
and
performances, such as noise level, refresh rate,
power-up time, magnetic field dependence, and
so on.
FEATURES
 Ready-to-Use Knob with End-of-Shaft
Magnet
 Extra Spacers
 Compatible with MagAlpha Communication
Interface Kit (EVKT-MACOM)
APPLICATIONS
 Knobs
 Potentiometer Replacements
 Dials
 Appliances
 Consumer Goods
All MPS parts are lead-free, halogen-free, and adhere to the RoHS directive. For
MPS green status, please visit the MPS website under Quality Assurance.
“MPS” and “The Future of Analog IC Technology” are registered trademarks of
Monolithic Power Systems, Inc.
OVERVIEW
Figure 1: EVKT-KNOB


Similar Part No. - MA100

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
MA100 EXTECH-MA100 Datasheet
202Kb / 1P
200A AC Mini Clamp Meter/Voltage Detector
logo
Megawin Technology Co.,...
MA100 MEGAWIN-MA100 Datasheet
276Kb / 9P
UART-to- USB Bridge Controller
logo
Monolithic Power System...
MA100 MPS-MA100 Datasheet
1Mb / 17P
MagAlpha Communication Kit
MA100 MPS-MA100 Datasheet
879Kb / 11P
Rotary Knob Kit for the MagAlpha
logo
M-System Co.,Ltd.
MA100 MSYSTEM-MA100 Datasheet
111Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
More results

Similar Description - MA100

ManufacturerPart #DatasheetDescription
logo
Purdy Electronics Corpo...
RDS10-412 PURDY-RDS10-412 Datasheet
156Kb / 2P
Knob Type Rotary DIP Code Switches
logo
Maxim Integrated Produc...
MAX3678EVKIT MAXIM-MAX3678EVKIT Datasheet
78Kb / 1P
Evaluation Kit for the MAX3678
11/9/2009
logo
Texas Instruments
SBAU202 TI1-SBAU202 Datasheet
2Mb / 47P
Performance Demonstration Kit for the ADS130E08
logo
List of Unclassifed Man...
45KN019-GRX ETC1-45KN019-GRX Datasheet
76Kb / 1P
Rotary Knob
logo
Analog Devices
EVAL-ADN2525-NT AD-EVAL-ADN2525-NT_15 Datasheet
553Kb / 8P
Optical Evaluation Kit for the ADN2525
REV. 0
logo
Schurter Inc.
TA35ROTARYSWITCH2POL SCHURTER-TA35ROTARYSWITCH2POL Datasheet
1Mb / 13P
Circuit Breaker for Equipment thermal, Rotary knob actuation, 2 pole
logo
Monolithic Power System...
EVKT-MACOM MPS-EVKT-MACOM Datasheet
1Mb / 17P
MagAlpha Communication Kit
EVKT730-KNOB-Q-01A MPS-EVKT730-KNOB-Q-01A Datasheet
879Kb / 11P
Rotary Knob Kit for the MagAlpha
EVKT-KNOB MPS-EVKT-KNOB Datasheet
708Kb / 8P
Rotary Knob Kit for the MagAlpha
logo
Schneider Electric
GV2AP01 SCHNEIDER-GV2AP01 Datasheet
98Kb / 2P
Extended rotary handle kit
01 Jan 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com