Electronic Components Datasheet Search
  English  ▼

X  

MA700 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MA700
Description  Rotary Knob Kit for the MagAlpha
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MA700 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MA700 Datasheet HTML 1Page - Monolithic Power Systems MA700 Datasheet HTML 2Page - Monolithic Power Systems MA700 Datasheet HTML 3Page - Monolithic Power Systems MA700 Datasheet HTML 4Page - Monolithic Power Systems MA700 Datasheet HTML 5Page - Monolithic Power Systems MA700 Datasheet HTML 6Page - Monolithic Power Systems MA700 Datasheet HTML 7Page - Monolithic Power Systems MA700 Datasheet HTML 8Page - Monolithic Power Systems MA700 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
EVKT-KNOB
– ROTARY KNOB KIT FOR THE MAGALPHA
EVKT-KNOB
www.MonolithicPower.com
2
12/10/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
Board Type
Different board types are available, and each of them has a different schematic and layout design. The
board type to use is determined by the selected sensor part number.
Table 1: Board Type
Board Type
Kit Part Number
Board Part Number
MPS Chip Part Number
Board type 1
EVKT100-KNOB
EVMA100-Q-00A
MA100
EVKT300-KNOB
EVMA300-Q-00A
MA300
EVKT700-KNOB
EVMA700-Q-00A
MA700
EVKT750-KNOB
EVMA750-Q-00A
MA750
Board type 2
EVKT102-KNOB
EVMA102-Q-01A
MA102
EVKT302-KNOB
EVMA302-Q-01A
MA302
EVKT310-KNOB
EVMA310-Q-01A
MA310
EVKT702-KNOB
EVMA702-Q-01A
MA702
EVKT710-KNOB
EVMA710-Q-01A
MA710
EVKT730-KNOB
EVMA730-Q-01A
MA730
EVKT800-KNOB
EVMA800-Q-01A
MA800
EVKT820-KNOB
EVMA820-Q-01A
MA820
EVKT850-KNOB
EVMA850-Q-01A
MA850
EVKT-KNOB Content
Figure 2: Kit Contents
1. EVMA board with MagAlpha mounted
2. 0.7mm and 2.0mm spacers
3. Knob with magnet
4. Extra cylinder magnet, NdFeB N35 D=5mm H=2.5mm (not shown)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com