Electronic Components Datasheet Search
  English  ▼

X  

MA700 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MA700
Description  Rotary Knob Kit for the MagAlpha
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MA700 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MA700 Datasheet HTML 1Page - Monolithic Power Systems MA700 Datasheet HTML 2Page - Monolithic Power Systems MA700 Datasheet HTML 3Page - Monolithic Power Systems MA700 Datasheet HTML 4Page - Monolithic Power Systems MA700 Datasheet HTML 5Page - Monolithic Power Systems MA700 Datasheet HTML 6Page - Monolithic Power Systems MA700 Datasheet HTML 7Page - Monolithic Power Systems MA700 Datasheet HTML 8Page - Monolithic Power Systems MA700 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
EVKT-KNOB
– ROTARY KNOB KIT FOR THE MAGALPHA
EVKT-KNOB
www.MonolithicPower.com
3
12/10/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
BOARD TYPE 1
Figure 3: Board Overview Type 1
Schematic
Figure 4: Schematic Type 1
Bill of Materials
Table 2: Bill of Materials Type 1
Quantity Designator
Description
Value
Manufacturer
Manufacturer PN
2
C1, C3
Ceramic capacitor;16V;X7R;0603;
1µF
Murata
GRM188R71C105MA12D
1
C2 (optional) Ceramic capacitor;25V;X7R;0603; 100nF
Murata
GRM188R71E104MA01D
1
U1
MagAlpha magnetic position sensor MAxxx
MPS
1
CN1
16 position receptacle connector 0.100"
(2.54mm) surface mount tin
Würth Elektronik
or
TE Connectivity
690367281676
or
8-2178711-6
1
2
3
4
5
6
7
8
9
10
11
12
13
15
16
14
17
VDD
CS
SCLK
MISO
VFLASH
PWM
100nF
MOSI
GND
TEST
N/C
PAD
V
A
Z
B
W
+3.3V
U
1µF
Optional
PAD: N/C or
tied to GND
CS
SCLK
MISO
MOSI
PWM
TEST
V
A
Z
B
W
U
U1
C3
C2
1µF
C1
V_FLASH
CN1
2
4
6
8
10
12
14
16
1
3
5
7
9
11
13
15
+3.3V
CS
TEST
MISO
U
W
B
A
Z
V
PWM
N/C
MOSI
SCLK
N/C
V_FLASH



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com