Electronic Components Datasheet Search
  English  ▼

X  

LM74A Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM74A
Description  SPI/MICROWIRE 12-Bit Plus Sign Temperature Sensor (LM74 in Die Form)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM74A Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM74A Datasheet HTML 1Page - National Semiconductor (TI) LM74A Datasheet HTML 2Page - National Semiconductor (TI) LM74A Datasheet HTML 3Page - National Semiconductor (TI) LM74A Datasheet HTML 4Page - National Semiconductor (TI) LM74A Datasheet HTML 5Page - National Semiconductor (TI) LM74A Datasheet HTML 6Page - National Semiconductor (TI) LM74A Datasheet HTML 7Page - National Semiconductor (TI) LM74A Datasheet HTML 8Page - National Semiconductor (TI) LM74A Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Connection Diagram
LM74A
Bond Pad Layout
20017727
TOP VIEW
1.40mm x 1.57 mm (55 x 62 mils)
Bond Pad Mechanical Dimensions
Dimensions of bond pad coordinates are in millimeters.
Origin of coordinates: center of die.
X-Direction is in the longitudinal axis of the die.
Coordinates refer to center of Bond Pad.
Pin#
X
Y
1
-0.569 mm
+0.585 mm
2
-0.537 mm
+0.314 mm
3
-0.569 mm
-0.554 mm
4
n/a
n/a
5
+0.537 mm
+0.277 mm
6
+0.569 mm
+0.569 mm
Back
Ordering Information
Order Number
NS Package
Number
Supply Voltage
Transport Media
LM74A-5 MDA
No Package, Die
4.5V to 5.5V
7k unit surftape tape-and-reel
LM74A-3 MDA
No Package, Die
3.0V to 3.6V
7k unit surftape tape-and-reel
Pin Descriptions
Label
Pin #
Function
Typical Connection
SI/O
1
Slave Input/Output - Serial bus bi-directional data
line. Shmitt trigger input.
From and to Controller
SC
2
Slave Clock - Serial bus clock Shmitt trigger input
line.
From Controller
GND
3
Power Supply Ground
Ground
NC
4
No Connection
No Connection
CS
5
Chip Select input.
From Controller
V
+
6
Positive Supply Voltage Input
DC Voltage from 4.5V to 5.5V for the
LM74A-5 and 3.0V to 3.6V for the LM74A-3.
Bypass with a 0.1 µF ceramic capacitor.
Back
(Backside)
Can go to GND connection
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com