Electronic Components Datasheet Search
  English  ▼

X  

LM74A Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM74A
Description  SPI/MICROWIRE 12-Bit Plus Sign Temperature Sensor (LM74 in Die Form)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM74A Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM74A Datasheet HTML 1Page - National Semiconductor (TI) LM74A Datasheet HTML 2Page - National Semiconductor (TI) LM74A Datasheet HTML 3Page - National Semiconductor (TI) LM74A Datasheet HTML 4Page - National Semiconductor (TI) LM74A Datasheet HTML 5Page - National Semiconductor (TI) LM74A Datasheet HTML 6Page - National Semiconductor (TI) LM74A Datasheet HTML 7Page - National Semiconductor (TI) LM74A Datasheet HTML 8Page - National Semiconductor (TI) LM74A Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LM74A
SPI/MICROWIRE™ 12-Bit Plus Sign Temperature Sensor
(LM74 in Die Form)
General Description
The LM74A is a temperature sensor, Delta-Sigma analog-to-
digital converter with an SPI and MICROWIRE compatible
interface in die form. The host can query the LM74A at any
time to read temperature. A shutdown mode decreases
power consumption to less than 10 µA. This mode is useful
in systems where low average power consumption is critical.
This particular data sheet applies to the LM74 in die form.
The LM74 is available in the SO-8 package as well as an
5-Bump micro SMD package please refer to LM74 data
sheet for detailed specifictions pertaining to the packaged
parts.
The LM74A has 12-bit plus sign temperature resolution
(0.0625˚C per LSB) while operating over a temperature
range of −40˚C to +150˚C. The LM74A-5 MDA accuracy of
±3.5˚C is specified over a temperature range of 0˚C to
+150˚C.
The LM74A’s 4.5V to 5.5V or 3.0V to 3.6V supply voltage
range, low supply current and simple SPI interface make it
ideal for a wide range of applications. These include thermal
management and protection applications in hard disk drives,
printers, electronic test equipment, and office electronics.
Applications
n
System Thermal Management
n
Personal Computers
n
Disk Drives
n
Office Electronics
n
Electronic Test Equipment
Features
n
0.0625˚C temperature resolution.
n
Shutdown mode conserves power between temperature
reading
n
SPI and MICROWIRE Bus interface
n
LM74 is also available in a 5-Bump micro SMD and
8-pin MSOP
Key Specifications
j Supply Voltage
LM74A-5
4.5V to 5.5V
LM74A-3
3.0V to 3.6V
j Supply Current
operating
310µA (typ)
520µA (max)
shutdown
8µA (typ)
j LM74A-5 MDA
Temperature
Accuracy
0˚C to 140˚C
±3.0˚C(max)
140˚C to 150˚C
±3.5˚C(max)
Simplified Block Diagram
20017701
MICROWIRE™ is a trademark of National Semiconductor Corporation.
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
November 2004
© 2004 National Semiconductor Corporation
DS200177
www.national.com


Similar Part No. - LM74A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM74A TI-LM74A_15 Datasheet
395Kb / 15P
LM74A SPI/MICROWIRE 12-Bit Plus Sign Temperature Sensor (LM74 in Die Form)
More results

Similar Description - LM74A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM70 NSC-LM70 Datasheet
285Kb / 13P
SPI/MICROWIRE??10-Bit plus Sign Digital Temperature Sensor
LM71 NSC-LM71 Datasheet
249Kb / 13P
SPI/MICROWIRE??13-Bit Plus Sign Temperature Sensor
LM71 NSC-LM71_05 Datasheet
627Kb / 13P
SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
LM74 NSC-LM74_05 Datasheet
707Kb / 15P
SPI/MICROWIRE??12-Bit Plus Sign Temperature Sensor
logo
Texas Instruments
LM74CIM-3-NOPB TI1-LM74CIM-3-NOPB Datasheet
1Mb / 22P
LM74 SPI/Microwire12-Bit Plus Sign Temperature Sensor
LM70CILD-3NOPB TI1-LM70CILD-3NOPB Datasheet
1Mb / 21P
LM70 SPI/MICROWIRE 10-Bit plus Sign Digital Temperature Sensor
LM71 TI-LM71_15 Datasheet
1Mb / 21P
SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
LM74 TI-LM74_15 Datasheet
1Mb / 22P
LM74 SPI/Microwire12-Bit Plus Sign Temperature Sensor
LM74A TI-LM74A_15 Datasheet
395Kb / 15P
LM74A SPI/MICROWIRE 12-Bit Plus Sign Temperature Sensor (LM74 in Die Form)
LM95071 TI1-LM95071_15 Datasheet
1,010Kb / 20P
SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com