Electronic Components Datasheet Search
  English  ▼

X  

AS9593 Datasheet(PDF) 1 Page - UMPCO, Inc.

Part # AS9593
Description  BRACKET, ANGLE, 90째, CRES UNS S32100, .190 X .250 BOLT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMPCO [UMPCO, Inc.]
Direct Link  http://www.umpco.com/index.php
Logo UMPCO - UMPCO, Inc.

AS9593 Datasheet(HTML) 1 Page - UMPCO, Inc.

  AS9593 Datasheet HTML 1Page - UMPCO, Inc. AS9593 Datasheet HTML 2Page - UMPCO, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
UMPCO, INC
CAGE CODE No. 18076
REV
N/C
02/13/09
AS9593
THIS CATALOG PAGE IS FOR REFERENCE ONLY. REQUEST A
CERTIFIED UMPCO DRAWING FOR ACTUAL SPECIFICATIONS.
ANY CONFLICT BETWEEN THIS DOCUMENT AND THE CERTIFIED
DRAWING, THE CERTIFIED DRAWING WILL TAKE PRECEDENCE.
IF THE DOCUMENT IS CONTROLLED BY ANY OTHER SOURCE
THAN UMPCO, THE CERTIFIED DRAWING MUST BE PURCHASED
THROUGH THAT ORGANIZATION.
BRACKET, ANGLE, 90°, CRES UNS S32100, .190 X .250 BOLT
PART NUMBER
7100 LAMPSON AVE * PO BOX 5158 * GARDEN GROVE, CA 92846-5158 SALES: (714) 897-3531 * BUS: (714) 897-3536 * FAX: (714) 897-2611
Ø .210/.200
R .510/.490
.205
.195
.510
.490
A
B
95°
85°
MARK PART
NUMBER AND
MANUFACTURER’S
IDENTIFICATION PER
AS478 CLASS D
FIGURE 1 ANGLE BRACKET
DIRECTION OF GRAIN
SEE NOTE 2
.255
.245
.068
.056
R .135/.115
R .510/.490
Ø .270/.260
.235
.225
TABLE 1 – PART NUMBERS AND DIMENSIONS
NOTES:
1.
MATERIAL: ALLOY STEEL PER AMS 5510 (UNS S32100)
2.
GRAIN FLOW SHALL BE PARALLEL WITH ROLLING DIRECTION
3.
REMOVE BURRS AND BREAK EDGES .003 TO .015, UNLESS OTHERWISE SPECIFIED.
4.
DIMENSIONING AND TOLERANCES PER ANSI Y14.5M-1982 (ASME PUBLICATION)
5.
DIMENSIONS ARE IN INCHES.
6.
DO NOT USE UNASSIGNED PART NUMBERS
B
.490 - .510
.552 - .572
.615 - .635
.678 - .698
.740 - .760
LENGTH
PART NUMBER
PART NUMBER
PART NUMBER
PART NUMBER
PART NUMBER
0.428 - 0.448
MS9593-005
MS9593-035
MS9593-065
MS9593-095
MS9593-125
0.490 - 0.510
MS9593-006
MS9593-036
MS9593-066
MS9593-096
MS9593-126
0.552 - 0.572
MS9593-007
MS9593-037
MS9593-067
MS9593-097
MS9593-127
0.615 - 0.635
MS9593-008
MS9593-038
MS9593-068
MS9593-098
MS9593-128
0.678 - 0.698
MS9593-009
MS9593-039
MS9593-069
MS9593-099
MS9593-129
0.740 - 0.760
MS9593-010
MS9593-040
MS9593-070
MS9593-100
MS9593-130
0.802 - 0.822
MS9593-011
MS9593-041
MS9593-071
MS9593-101
MS9593-131
0.865 - 0.885
MS9593-012
MS9593-042
MS9593-072
MS9593-102
MS9593-132
0.928 - 0.948
MS9593-013
MS9593-043
MS9593-073
MS9593-103
MS9593-133
0.990 - 1.010
MS9593-014
MS9593-044
MS9593-074
MS9593-104
MS9593-134
1.052 - 1.072
MS9593-015
MS9593-045
MS9593-075
MS9593-105
MS9593-135
1.115 - 1.135
MS9593-016
MS9593-046
MS9593-076
MS9593-106
MS9593-136
1.178 - 1.198
MS9593-017
MS9593-047
MS9593-077
MS9593-107
MS9593-137
1.240 - 1.260
MS9593-018
MS9593-048
MS9593-078
MS9593-108
MS9593-138
1.302 - 1.322
MS9593-019
MS9593-049
MS9593-079
MS9593-109
MS9593-139
1.365 - 1.385
MS9593-020
MS9593-050
MS9593-080
MS9593-110
MS9593-140
1.428 - 1.448
MS9593-021
MS9593-051
MS9593-081
MS9593-111
MS9593-141
1.490 - 1.510
MS9593-022
MS9593-052
MS9593-082
MS9593-112
MS9593-142
A - LENGTH


Similar Part No. - AS9593

ManufacturerPart #DatasheetDescription
logo
UMPCO, Inc.
AS9592 UMPCO-AS9592 Datasheet
69Kb / 2P
BRACKET, ANGLE, 90째, CRES UNS S32100, .190 BOLT
AS9594 UMPCO-AS9594 Datasheet
71Kb / 2P
BRACKET, ANGLE, 90째, CRES UNS S32100, .190 X .312 BOLT
AS9595 UMPCO-AS9595 Datasheet
71Kb / 2P
BRACKET, ANGLE, 90째, CRES UNS S32100, .190 X .375 BOLT
AS9596 UMPCO-AS9596 Datasheet
68Kb / 2P
BRACKET, ANGLE, 90째, CADMIUM PLATED STEEL, UNSG41300, .190 BOLT
AS9597 UMPCO-AS9597 Datasheet
68Kb / 2P
BRACKET, ANGLE, 90째, CADMIUM PLATED, STEEL, UNSG41300, .190 X .250 BOLT
More results

Similar Description - AS9593

ManufacturerPart #DatasheetDescription
logo
UMPCO, Inc.
AS9552 UMPCO-AS9552 Datasheet
76Kb / 1P
BRACKET, FLAT CRES UNS S32100
AS9592 UMPCO-AS9592 Datasheet
69Kb / 2P
BRACKET, ANGLE, 90째, CRES UNS S32100, .190 BOLT
AS9594 UMPCO-AS9594 Datasheet
71Kb / 2P
BRACKET, ANGLE, 90째, CRES UNS S32100, .190 X .312 BOLT
AS9595 UMPCO-AS9595 Datasheet
71Kb / 2P
BRACKET, ANGLE, 90째, CRES UNS S32100, .190 X .375 BOLT
AS9601 UMPCO-AS9601 Datasheet
69Kb / 2P
BRACKET, ANGLE 90째, CRES UNS S41000 .190 X .250 BOLT
AS9603 UMPCO-AS9603 Datasheet
70Kb / 2P
BRACKET,, ANGLE 90째, CRES UNS S41000, .190 X .375 BOLT
MS9102 UMPCO-MS9102 Datasheet
71Kb / 1P
BRACKET-ANGLE 90째, .190 X .250 BOLT
MS9166 UMPCO-MS9166 Datasheet
70Kb / 1P
BRACKET, 90째 ANGLE, AMS 6350, .190 X .250 BOLT
MS9229 UMPCO-MS9229 Datasheet
71Kb / 1P
BRACKET-ANGLE 90째, AMS 5504, .190 X .250 BOLT
MS9366 UMPCO-MS9366 Datasheet
66Kb / 1P
BRACKET-FLAT, CRES AMS 5510, .190 x .250 BOLT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com