Electronic Components Datasheet Search
  English  ▼

X  

AS9593 Datasheet(PDF) 2 Page - UMPCO, Inc.

Part # AS9593
Description  BRACKET, ANGLE, 90째, CRES UNS S32100, .190 X .250 BOLT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMPCO [UMPCO, Inc.]
Direct Link  http://www.umpco.com/index.php
Logo UMPCO - UMPCO, Inc.

AS9593 Datasheet(HTML) 2 Page - UMPCO, Inc.

  AS9593 Datasheet HTML 1Page - UMPCO, Inc. AS9593 Datasheet HTML 2Page - UMPCO, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
UMPCO, INC
CAGE CODE No. 18076
REV
N/C
02/13/09
AS9593
THIS CATALOG PAGE IS FOR REFERENCE ONLY. REQUEST A
CERTIFIED UMPCO DRAWING FOR ACTUAL SPECIFICATIONS.
ANY CONFLICT BETWEEN THIS DOCUMENT AND THE CERTIFIED
DRAWING, THE CERTIFIED DRAWING WILL TAKE PRECEDENCE.
IF THE DOCUMENT IS CONTROLLED BY ANY OTHER SOURCE
THAN UMPCO, THE CERTIFIED DRAWING MUST BE PURCHASED
THROUGH THAT ORGANIZATION.
BRACKET, ANGLE, 90°, CRES UNS S32100, .190 X .250 BOLT
PART NUMBER
7100 LAMPSON AVE * PO BOX 5158 * GARDEN GROVE, CA 92846-5158 SALES: (714) 897-3531 * BUS: (714) 897-3536 * FAX: (714) 897-2611
TABLE 1 – PART NUMBERS AND DIMENSIONS (CONTINUED)
B
.802 - .822
.865 - .885
.928 - .948
.990- 1.010
1.115 - 1.135
LENGTH
PART NUMBER
PART NUMBER
PART NUMBER
PART NUMBER
PART NUMBER
0.428 - 0.448
MS9593-155
MS9593-185
MS9593-215
MS9593-245
MS9593-305
0.490 - 0.510
MS9593-156
MS9593-186
MS9593-216
MS9593-246
MS9593-306
0.552 - 0.572
MS9593-157
MS9593-187
MS9593-217
MS9593-247
MS9593-307
0.615 - 0.635
MS9593-158
MS9593-188
MS9593-218
MS9593-248
MS9593-308
0.678 - 0.698
MS9593-159
MS9593-189
MS9593-219
MS9593-249
MS9593-309
0.740 - 0.760
MS9593-160
MS9593-190
MS9593-220
MS9593-250
MS9593-310
0.802 - 0.822
MS9593-161
MS9593-191
MS9593-221
MS9593-251
MS9593-311
0.865 - 0.885
MS9593-162
MS9593-192
MS9593-222
MS9593-252
MS9593-312
0.928 - 0.948
MS9593-163
MS9593-193
MS9593-223
MS9593-253
MS9593-313
0.990 - 1.010
MS9593-164
MS9593-194
MS9593-224
MS9593-254
MS9593-314
1.052 - 1.072
MS9593-165
MS9593-195
MS9593-225
MS9593-255
MS9593-315
1.115 - 1.135
MS9593-166
MS9593-196
MS9593-226
MS9593-256
MS9593-316
1.178 - 1.198
MS9593-167
MS9593-197
MS9593-227
MS9593-257
MS9593-317
1.240 - 1.260
MS9593-168
MS9593-198
MS9593-228
MS9593-258
MS9593-318
1.302 - 1.322
MS9593-169
MS9593-199
MS9593-229
MS9593-259
MS9593-319
1.365 - 1.385
MS9593-170
MS9593-200
MS9593-230
MS9593-260
MS9593-320
1.428 - 1.448
MS9593-171
MS9593-201
MS9593-231
MS9593-261
MS9593-321
1.490 - 1.510
MS9593-172
MS9593-202
MS9593-232
MS9593-262
MS9593-322
B
1.240 - 1.260
1.365 - 1.385
1.490 - 1.510
LENGTH
PART NUMBER
PART NUMBER
PART NUMBER
0.428 - 0.448
MS9593-365
MS9593-425
MS9593-485
0.490 - 0.510
MS9593-366
MS9593-426
MS9593-486
0.552 - 0.572
MS9593-367
MS9593-427
MS9593-487
0.615 - 0.635
MS9593-368
MS9593-428
MS9593-488
0.678 - 0.698
MS9593-369
MS9593-429
MS9593-489
0.740 - 0.760
MS9593-370
MS9593-430
MS9593-490
0.802 - 0.822
MS9593-371
MS9593-431
MS9593-491
0.865 - 0.885
MS9593-372
MS9593-432
MS9593-492
0.928 - 0.948
MS9593-373
MS9593-433
MS9593-493
0.990 - 1.010
MS9593-374
MS9593-434
MS9593-494
1.052 - 1.072
MS9593-375
MS9593-435
MS9593-495
1.115 - 1.135
MS9593-376
MS9593-436
MS9593-496
1.178 - 1.198
MS9593-377
MS9593-437
MS9593-497
1.240 - 1.260
MS9593-378
MS9593-438
MS9593-498
1.302 - 1.322
MS9593-379
MS9593-439
MS9593-499
1.365 - 1.385
MS9593-380
MS9593-440
MS9593-500
1.428 - 1.448
MS9593-381
MS9593-441
MS9593-501
1.490 - 1.510
MS9593-382
MS9593-442
MS9593-502
B
1.615 - 1.635
1.740 - 1.760
1.865 - 1.885
LENGTH
PART NUMBER
PART NUMBER
PART NUMBER
0.428 - 0.448
MS9593-545
MS9593-605
MS9593-665
0.490 - 0.510
MS9593-546
MS9593-606
MS9593-666
0.552 - 0.572
MS9593-547
MS9593-607
MS9593-667
0.615 - 0.635
MS9593-548
MS9593-608
MS9593-668
0.678 - 0.698
MS9593-549
MS9593-609
MS9593-669
0.740 - 0.760
MS9593-550
MS9593-610
MS9593-670
0.802 - 0.822
MS9593-551
MS9593-611
MS9593-671
0.865 - 0.885
MS9593-552
MS9593-612
MS9593-672
0.928 - 0.948
MS9593-553
MS9593-613
MS9593-673
0.990 - 1.010
MS9593-554
MS9593-614
MS9593-674
1.052 - 1.072
MS9593-555
MS9593-615
MS9593-675
1.115 - 1.135
MS9593-556
MS9593-616
MS9593-676
1.178 - 1.198
MS9593-557
MS9593-617
MS9593-677
1.240 - 1.260
MS9593-558
MS9593-618
MS9593-678
1.302 - 1.322
MS9593-559
MS9593-619
MS9593-679
1.365 - 1.385
MS9593-560
MS9593-620
MS9593-680
1.428 - 1.448
MS9593-561
MS9593-621
MS9593-681
1.490 - 1.510
MS9593-562
MS9593-622
MS9593-682
A - LENGTH
A - LENGTH
A - LENGTH



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com