Electronic Components Datasheet Search
  English  ▼

X  

AS9595 Datasheet(PDF) 1 Page - UMPCO, Inc.

Part # AS9595
Description  BRACKET, ANGLE, 90째, CRES UNS S32100, .190 X .375 BOLT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMPCO [UMPCO, Inc.]
Direct Link  http://www.umpco.com/index.php
Logo UMPCO - UMPCO, Inc.

AS9595 Datasheet(HTML) 1 Page - UMPCO, Inc.

  AS9595 Datasheet HTML 1Page - UMPCO, Inc. AS9595 Datasheet HTML 2Page - UMPCO, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
UMPCO, INC
CAGE CODE No. 18076
REV
N/C
02/13/09
AS9595
THIS CATALOG PAGE IS FOR REFERENCE ONLY. REQUEST A
CERTIFIED UMPCO DRAWING FOR ACTUAL SPECIFICATIONS.
ANY CONFLICT BETWEEN THIS DOCUMENT AND THE CERTIFIED
DRAWING, THE CERTIFIED DRAWING WILL TAKE PRECEDENCE.
IF THE DOCUMENT IS CONTROLLED BY ANY OTHER SOURCE
THAN UMPCO, THE CERTIFIED DRAWING MUST BE PURCHASED
THROUGH THAT ORGANIZATION.
BRACKET, ANGLE, 90°, CRES UNS S32100, .190 X .375 BOLT
PART NUMBER
7100 LAMPSON AVE * PO BOX 5158 * GARDEN GROVE, CA 92846-5158 SALES: (714) 897-3531 * BUS: (714) 897-3536 * FAX: (714) 897-2611
Ø .210/.200
R .510/.490
.205
.195
.760
.740
A
B
95°
85°
MARK PART
NUMBER AND
MANUFACTURER’S
IDENTIFICATION PER
AS478 CLASS D
FIGURE 1 ANGLE BRACKET
DIRECTION OF GRAIN
SEE NOTE 2
.380
.370
.068
.056
R .135/.115
R .510/.490
Ø .395/.385
.295
.285
TABLE 1 – PART NUMBERS AND DIMENSIONS
NOTES:
1.
MATERIAL: CORROSION RESISTANT STEEL PER AMS 5510 (UNS A32100)
2.
GRAIN FLOW SHALL BE PARALLEL WITH ROLLING DIRECTION
3.
REMOVE BURRS AND BREAK EDGES .003 TO .015, UNLESS OTHERWISE SPECIFIED.
4.
DIMENSIONING AND TOLERANCES PER ANSI Y14.5M-1982 (ASME PUBLICATION)
5.
DIMENSIONS ARE IN INCHES.
6.
DO NOT USE UNASSIGNED PART NUMBERS
B
.552 - .572
.615 - .635
.678 - .698
.740 - .760
.802 - .822
LENGTH
PART NUMBER
PART NUMBER
PART NUMBER
PART NUMBER
PART NUMBER
0.428 - 0.448
MS9595-005
MS9595-035
MS9595-065
MS9595-095
MS9595-125
0.490 - 0.510
MS9595-006
MS9595-036
MS9595-066
MS9595-096
MS9595-126
0.552 - 0.572
MS9595-007
MS9595-037
MS9595-067
MS9595-097
MS9595-127
0.615 - 0.635
MS9595-008
MS9595-038
MS9595-068
MS9595-098
MS9595-128
0.678 - 0.698
MS9595-009
MS9595-039
MS9595-069
MS9595-099
MS9595-129
0.740 - 0.760
MS9595-010
MS9595-040
MS9595-070
MS9595-100
MS9595-130
0.802 - 0.822
MS9595-011
MS9595-041
MS9595-071
MS9595-101
MS9595-131
0.865 - 0.885
MS9595-012
MS9595-042
MS9595-072
MS9595-102
MS9595-132
0.928 - 0.948
MS9595-013
MS9595-043
MS9595-073
MS9595-103
MS9595-133
0.990 - 1.010
MS9595-014
MS9595-044
MS9595-074
MS9595-104
MS9595-134
1.052 - 1.072
MS9595-015
MS9595-045
MS9595-075
MS9595-105
MS9595-135
1.115 - 1.135
MS9595-016
MS9595-046
MS9595-076
MS9595-106
MS9595-136
1.178 - 1.198
MS9595-017
MS9595-047
MS9595-077
MS9595-107
MS9595-137
1.240 - 1.260
MS9595-018
MS9595-048
MS9595-078
MS9595-108
MS9595-138
1.302 - 1.322
MS9595-019
MS9595-049
MS9595-079
MS9595-109
MS9595-139
1.365 - 1.385
MS9595-020
MS9595-050
MS9595-080
MS9595-110
MS9595-140
1.428 - 1.448
MS9595-021
MS9595-051
MS9595-081
MS9595-111
MS9595-141
1.490 - 1.510
MS9595-022
MS9595-052
MS9595-082
MS9595-112
MS9595-142
A - LENGTH


Similar Part No. - AS9595

ManufacturerPart #DatasheetDescription
logo
UMPCO, Inc.
AS9592 UMPCO-AS9592 Datasheet
69Kb / 2P
BRACKET, ANGLE, 90째, CRES UNS S32100, .190 BOLT
AS9593 UMPCO-AS9593 Datasheet
70Kb / 2P
BRACKET, ANGLE, 90째, CRES UNS S32100, .190 X .250 BOLT
AS9594 UMPCO-AS9594 Datasheet
71Kb / 2P
BRACKET, ANGLE, 90째, CRES UNS S32100, .190 X .312 BOLT
AS9596 UMPCO-AS9596 Datasheet
68Kb / 2P
BRACKET, ANGLE, 90째, CADMIUM PLATED STEEL, UNSG41300, .190 BOLT
AS9597 UMPCO-AS9597 Datasheet
68Kb / 2P
BRACKET, ANGLE, 90째, CADMIUM PLATED, STEEL, UNSG41300, .190 X .250 BOLT
More results

Similar Description - AS9595

ManufacturerPart #DatasheetDescription
logo
UMPCO, Inc.
AS9231 UMPCO-AS9231 Datasheet
69Kb / 1P
BRACKET-ANGLE 90째,.190 X .375 BOLT
AS9552 UMPCO-AS9552 Datasheet
76Kb / 1P
BRACKET, FLAT CRES UNS S32100
AS9592 UMPCO-AS9592 Datasheet
69Kb / 2P
BRACKET, ANGLE, 90째, CRES UNS S32100, .190 BOLT
AS9593 UMPCO-AS9593 Datasheet
70Kb / 2P
BRACKET, ANGLE, 90째, CRES UNS S32100, .190 X .250 BOLT
AS9594 UMPCO-AS9594 Datasheet
71Kb / 2P
BRACKET, ANGLE, 90째, CRES UNS S32100, .190 X .312 BOLT
AS9599 UMPCO-AS9599 Datasheet
68Kb / 2P
BRACKET, ANGLE, 90째, ALLOY STEEL UNS G41300, CADMIUM PLATED .190 X .375 BOLT
AS9601 UMPCO-AS9601 Datasheet
69Kb / 2P
BRACKET, ANGLE 90째, CRES UNS S41000 .190 X .250 BOLT
AS9603 UMPCO-AS9603 Datasheet
70Kb / 2P
BRACKET,, ANGLE 90째, CRES UNS S41000, .190 X .375 BOLT
MS9104 UMPCO-MS9104 Datasheet
71Kb / 1P
BRACKET-ANGLE 90째, .190 X .375 BOLT
MS9168 UMPCO-MS9168 Datasheet
70Kb / 1P
BRACKET, 90째 ANGLE, AMS 6350, .190 X .375 BOLT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com