Electronic Components Datasheet Search
  English  ▼

X  

AS9595 Datasheet(PDF) 2 Page - UMPCO, Inc.

Part # AS9595
Description  BRACKET, ANGLE, 90째, CRES UNS S32100, .190 X .375 BOLT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMPCO [UMPCO, Inc.]
Direct Link  http://www.umpco.com/index.php
Logo UMPCO - UMPCO, Inc.

AS9595 Datasheet(HTML) 2 Page - UMPCO, Inc.

  AS9595 Datasheet HTML 1Page - UMPCO, Inc. AS9595 Datasheet HTML 2Page - UMPCO, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
UMPCO, INC
CAGE CODE No. 18076
REV
N/C
02/13/09
AS9595
THIS CATALOG PAGE IS FOR REFERENCE ONLY. REQUEST A
CERTIFIED UMPCO DRAWING FOR ACTUAL SPECIFICATIONS.
ANY CONFLICT BETWEEN THIS DOCUMENT AND THE CERTIFIED
DRAWING, THE CERTIFIED DRAWING WILL TAKE PRECEDENCE.
IF THE DOCUMENT IS CONTROLLED BY ANY OTHER SOURCE
THAN UMPCO, THE CERTIFIED DRAWING MUST BE PURCHASED
THROUGH THAT ORGANIZATION.
BRACKET, ANGLE, 90°, CRES UNS S32100, .190 X .375 BOLT
PART NUMBER
7100 LAMPSON AVE * PO BOX 5158 * GARDEN GROVE, CA 92846-5158 SALES: (714) 897-3531 * BUS: (714) 897-3536 * FAX: (714) 897-2611
TABLE 1 – PART NUMBERS AND DIMENSIONS (CONTINUED)
B
.865 - .885
.928 - .948
.990- 1.010
1.052 - 1.072
1.115 - 1.135
LENGTH
PART NUMBER
PART NUMBER
PART NUMBER
PART NUMBER
PART NUMBER
0.428 - 0.448
MS9595-155
MS9595-185
MS9595-215
MS9595-245
MS9595-275
0.490 - 0.510
MS9595-156
MS9595-186
MS9595-216
MS9595-246
MS9595-276
0.552 - 0.572
MS9595-157
MS9595-187
MS9595-217
MS9595-247
MS9595-277
0.615 - 0.635
MS9595-158
MS9595-188
MS9595-218
MS9595-248
MS9595-278
0.678 - 0.698
MS9595-159
MS9595-189
MS9595-219
MS9595-249
MS9595-279
0.740 - 0.760
MS9595-160
MS9595-190
MS9595-220
MS9595-250
MS9595-280
0.802 - 0.822
MS9595-161
MS9595-191
MS9595-221
MS9595-251
MS9595-281
0.865 - 0.885
MS9595-162
MS9595-192
MS9595-222
MS9595-252
MS9595-282
0.928 - 0.948
MS9595-163
MS9595-193
MS9595-223
MS9595-253
MS9595-283
0.990 - 1.010
MS9595-164
MS9595-194
MS9595-224
MS9595-254
MS9595-284
1.052 - 1.072
MS9595-165
MS9595-195
MS9595-225
MS9595-255
MS9595-285
1.115 - 1.135
MS9595-166
MS9595-196
MS9595-226
MS9595-256
MS9595-286
1.178 - 1.198
MS9595-167
MS9595-197
MS9595-227
MS9595-257
MS9595-287
1.240 - 1.260
MS9595-168
MS9595-198
MS9595-228
MS9595-258
MS9595-288
1.302 - 1.322
MS9595-169
MS9595-199
MS9595-229
MS9595-259
MS9595-289
1.365 - 1.385
MS9595-170
MS9595-200
MS9595-230
MS9595-260
MS9595-290
1.428 - 1.448
MS9595-171
MS9595-201
MS9595-231
MS9595-261
MS9595-291
1.490 - 1.510
MS9595-172
MS9595-202
MS9595-232
MS9595-262
MS9595-292
B
1.178 - 1.198
1.240 - 1.260
1.302 - 1.322
1.365 - 1.385
1.428 - 1.448
LENGTH
PART NUMBER
PART NUMBER
PART NUMBER
PART NUMBER
PART NUMBER
0.428 - 0.448
MS9595-305
MS9595-335
MS9595-365
MS9595-395
MS9595-425
0.490 - 0.510
MS9595-306
MS9595-336
MS9595-366
MS9595-396
MS9595-426
0.552 - 0.572
MS9595-307
MS9595-337
MS9595-367
MS9595-397
MS9595-427
0.615 - 0.635
MS9595-308
MS9595-338
MS9595-368
MS9595-398
MS9595-428
0.678 - 0.698
MS9595-309
MS9595-339
MS9595-369
MS9595-399
MS9595-429
0.740 - 0.760
MS9595-310
MS9595-340
MS9595-370
MS9595-400
MS9595-430
0.802 - 0.822
MS9595-311
MS9595-341
MS9595-371
MS9595-401
MS9595-431
0.865 - 0.885
MS9595-312
MS9595-342
MS9595-372
MS9595-402
MS9595-432
0.928 - 0.948
MS9595-313
MS9595-343
MS9595-373
MS9595-403
MS9595-433
0.990 - 1.010
MS9595-314
MS9595-344
MS9595-374
MS9595-404
MS9595-434
1.052 - 1.072
MS9595-315
MS9595-345
MS9595-375
MS9595-405
MS9595-435
1.115 - 1.135
MS9595-316
MS9595-346
MS9595-376
MS9595-406
MS9595-436
1.178 - 1.198
MS9595-317
MS9595-347
MS9595-377
MS9595-407
MS9595-437
1.240 - 1.260
MS9595-318
MS9595-348
MS9595-378
MS9595-408
MS9595-438
1.302 - 1.322
MS9595-319
MS9595-349
MS9595-379
MS9595-409
MS9595-439
1.365 - 1.385
MS9595-320
MS9595-350
MS9595-380
MS9595-410
MS9595-440
1.428 - 1.448
MS9595-321
MS9595-351
MS9595-381
MS9595-411
MS9595-441
1.490 - 1.510
MS9595-322
MS9595-352
MS9595-382
MS9595-412
MS9595-442
B
1.490 - 1.510
1.615 - 1.635
1.740 - 1.760
1.865 - 1.885
1.990 - 2.010
LENGTH
PART NUMBER
PART NUMBER
PART NUMBER
PART NUMBER
PART NUMBER
0.428 - 0.448
MS9595-455
MS9595-515
MS9595-575
MS9595-635
MS9595-695
0.490 - 0.510
MS9595-456
MS9595-516
MS9595-576
MS9595-636
MS9595-696
0.552 - 0.572
MS9595-457
MS9595-517
MS9595-577
MS9595-637
MS9595-697
0.615 - 0.635
MS9595-458
MS9595-518
MS9595-578
MS9595-638
MS9595-698
0.678 - 0.698
MS9595-459
MS9595-519
MS9595-579
MS9595-639
MS9595-699
0.740 - 0.760
MS9595-460
MS9595-520
MS9595-580
MS9595-640
MS9595-700
0.802 - 0.822
MS9595-461
MS9595-521
MS9595-581
MS9595-641
MS9595-701
0.865 - 0.885
MS9595-462
MS9595-522
MS9595-582
MS9595-642
MS9595-702
0.928 - 0.948
MS9595-463
MS9595-523
MS9595-583
MS9595-643
MS9595-703
0.990 - 1.010
MS9595-464
MS9595-524
MS9595-584
MS9595-644
MS9595-704
1.052 - 1.072
MS9595-465
MS9595-525
MS9595-585
MS9595-645
MS9595-705
1.115 - 1.135
MS9595-466
MS9595-526
MS9595-586
MS9595-646
MS9595-706
1.178 - 1.198
MS9595-467
MS9595-527
MS9595-587
MS9595-647
MS9595-707
1.240 - 1.260
MS9595-468
MS9595-528
MS9595-588
MS9595-648
MS9595-708
1.302 - 1.322
MS9595-469
MS9595-529
MS9595-589
MS9595-649
MS9595-709
1.365 - 1.385
MS9595-470
MS9595-530
MS9595-590
MS9595-650
MS9595-710
1.428 - 1.448
MS9595-471
MS9595-531
MS9595-591
MS9595-651
MS9595-711
1.490 - 1.510
MS9595-472
MS9595-532
MS9595-592
MS9595-652
MS9595-712
A - LENGTH
A - LENGTH
A - LENGTH



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com