Electronic Components Datasheet Search
  English  ▼

X  

SWG88010 Datasheet(PDF) 1 Page - celduc-relais

Part # SWG88010
Description  THREE PHASE CONTROLLE WITH PROPORTIONAL CONTROL 0 - 10V
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CELDUC [celduc-relais]
Direct Link  http://www.celduc-relais.com/uk/index.asp
Logo CELDUC - celduc-relais

SWG88010 Datasheet(HTML) 1 Page - celduc-relais

  SWG88010 Datasheet HTML 1Page - celduc-relais SWG88010 Datasheet HTML 2Page - celduc-relais SWG88010 Datasheet HTML 3Page - celduc-relais SWG88010 Datasheet HTML 4Page - celduc-relais SWG88010 Datasheet HTML 5Page - celduc-relais SWG88010 Datasheet HTML 6Page - celduc-relais SWG88010 Datasheet HTML 7Page - celduc-relais  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SWG8
page 1 /7 F/GB
S/GRA/SWG8xxxxx/E/5/02/2014
VARIATEURS TRIPHASES A
COMMANDE PROPORTIONNELLE 0 - 10V
/ THREE PHASE CONTROLLE WITH
PROPORTIONAL CONTROL 0 - 10V
En associant un variateur monophasé à commande proportionnelle de type SG5/SW5 et des
relais statiques biphasés ou triphasés standards à commande alternative, il devient possible à
partir d'une entrée analogique 0-10V isolée du secteur de faire varier proportionnellement à
cette entrée, le rapport cyclique de fonctionnement d'une charge résistive triphasée (AC-51).
With one analogical controller in association with AC control solid state relays, it is possible with
a 0-10VDC analogical control to adjust the power of a three phase resistive load (AC-51) up to
80 Kwatts on 3 x 400VAC mains.
T
t
Load
voltage
commande en 0-10V:
t/T = Ve x 10 (Ve en Volts - t/T en % )
T = période
t = temps de conduction
exemple :
Ve = 0 Volt
t/T = 0%
Ve = 5 Volts t/T = 50%
Ve = 10 Volts t/T = 100%
0-10V control:
t/T = Ve x 10 (Ve in Volts - t/T in % )
T = period
t = conduction time
example :
Ve = 0 Volt
t/T = 0%
Ve = 5 Volts t/T = 50%
Ve = 10 Volts t/T = 100%
Caractéristiques de transfert entrée/sortie /
Input/output transfer characteristics
REFERENCE
TENSION RESEAU
OUTPUT VOLTAGE
Puissance charge/
Load
Courant par
Phase/ Current
CONTROL
Dimensions
H x L x P (mm)
SWG81510
SWG82710
3 x 400VAC
3 x 400VAC
20kWatts
27kWatts
28A
38A
0-10V
0-10V
91 x 155 x 100
80 x 290 x 100
SWG83610
SWG84210
SWG84810
SWG86010
3 x 400VAC
3 x 400VAC
36kWatts
42kWatts
3 x 400VAC
3 x 400VAC
48kWatts
60kWatts
52A
60A
0-10V
0-10V
69A
86A
0-10V
0-10V
110x330x147
110x330x147
110x330x147
100x330x132
SWG88010
3 x 400VAC
80kWatts
115A
0-10V
145x330x147
All technical caracteristics are subject to change without previous notice.
Caractéristiques sujettes à modifications sans préavis.
celduc®
r
e
l
a
i
s
Proud to serve you


Similar Part No. - SWG88010

ManufacturerPart #DatasheetDescription
logo
celduc-relais
SWG88010 CELDUC-SWG88010 Datasheet
564Kb / 7P
THREE PHASE CONTROLLE WITH PROPORTIONAL CONTROL 0 - 10V
More results

Similar Description - SWG88010

ManufacturerPart #DatasheetDescription
logo
celduc-relais
SG441020 CELDUC-SG441020 Datasheet
470Kb / 6P
RELAY WITH PROPORTIONAL CONTROL
SG541020 CELDUC-SG541020 Datasheet
141Kb / 5P
RELAY WITH PROPORTIONAL CONTROL
SWG50210 CELDUC-SWG50210 Datasheet
246Kb / 3P
ONE PHASE CONTROLLER WITH PROPORTIONAL CONTROL 0 - 10V
SWG81510 CELDUC-SWG81510 Datasheet
564Kb / 7P
THREE PHASE CONTROLLE WITH PROPORTIONAL CONTROL 0 - 10V
logo
LinkCom Manufacturing C...
25W-DBFE LINKCOM-25W-DBFE Datasheet
462Kb / 5P
0-10V Dimmable
40W-DBFE LINKCOM-40W-DBFE Datasheet
416Kb / 5P
0-10V Dimmable
45W-DBFN LINKCOM-45W-DBFN Datasheet
516Kb / 3P
0-10V Dimmable
60W-DBFE LINKCOM-60W-DBFE Datasheet
472Kb / 5P
0-10V Dimmable
100W-DBFE LINKCOM-100W-DBFE Datasheet
530Kb / 5P
0-10V Dimmable
logo
Schneider Electric
RM22TG20 SCHNEIDER-RM22TG20 Datasheet
117Kb / 7P
three-Phase control relay
Aug 11, 2020
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com