Electronic Components Datasheet Search
  English  ▼

X  

ST24E64 Datasheet(PDF) 8 Page - STMicroelectronics

Part # ST24E64
Description  SERIAL EXTENDED ADDRESSING COMPATIBLE WITH I2C BUS 64K (8K x 8) EEPROM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST24E64 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button ST24E64 Datasheet HTML 4Page - STMicroelectronics ST24E64 Datasheet HTML 5Page - STMicroelectronics ST24E64 Datasheet HTML 6Page - STMicroelectronics ST24E64 Datasheet HTML 7Page - STMicroelectronics ST24E64 Datasheet HTML 8Page - STMicroelectronics ST24E64 Datasheet HTML 9Page - STMicroelectronics ST24E64 Datasheet HTML 10Page - STMicroelectronics ST24E64 Datasheet HTML 11Page - STMicroelectronics ST24E64 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Write Operations
Following a START condition the master sends a
device select code with the RW bit reset to ’0’. The
ST24/25E64 acknowledge this and waits for 2
bytes of address. These 2 address bytes (8 bits
each) provide access to any of the 32 blocks of 256
bytes each. Writing in the ST24/25E64 may be
inhibited if input pin WC is taken high.
For the ST24/25E64 versions, any write command
with WC = ’1’ (during a period of time from the
START condition untill the end of the 2 Bytes
Address) will not modify data and will NOT be
acknowledged on data bytes, as in Figure 9.
Byte Write. In the Byte Write mode the master
sends one data byte, which is acknowledged by the
SCL
SDA
SCL
SDA
SDA
START
CONDITION
SDA
INPUT
SDA
CHANGE
AI00792
STOP
CONDITION
12
3
7
89
MSB
ACK
START
CONDITION
SCL
123
78
9
MSB
ACK
STOP
CONDITION
Figure 6. I2C Bus Protocol
ST24/25E64. The master then terminates the
transfer by generating a STOP condition.
Page Write. The Page Write mode allows up to 32
bytes to be written in a single write cycle, provided
that they are all located in the same row of 32 bytes
in the memory, that is the same Address bits (b12
to b5). The master sends one up to 32 bytes of data,
which are each acknowledged by the ST24/25E64.
After each byte is transfered, the internal byte
address counter (5 Least Significant Bits only) is
incremented. The transfer is terminated by the
master generating a STOP condition. Care must be
taken to avoid address counter ’roll-over’ which
could result in data being overwritten. Note that for
any write mode, the generation by the master of the
STOP condition starts the internal memory pro-
8/16
ST24E64, ST25E64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com