Electronic Components Datasheet Search
  English  ▼

X  

ST24E64 Datasheet(PDF) 10 Page - STMicroelectronics

Part # ST24E64
Description  SERIAL EXTENDED ADDRESSING COMPATIBLE WITH I2C BUS 64K (8K x 8) EEPROM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST24E64 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button ST24E64 Datasheet HTML 6Page - STMicroelectronics ST24E64 Datasheet HTML 7Page - STMicroelectronics ST24E64 Datasheet HTML 8Page - STMicroelectronics ST24E64 Datasheet HTML 9Page - STMicroelectronics ST24E64 Datasheet HTML 10Page - STMicroelectronics ST24E64 Datasheet HTML 11Page - STMicroelectronics ST24E64 Datasheet HTML 12Page - STMicroelectronics ST24E64 Datasheet HTML 13Page - STMicroelectronics ST24E64 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
BYTE WRITE
DEV SEL
BYTE ADDR
BYTE ADDR
DATA IN
WC
PAGE WRITE
DEV SEL
BYTE ADDR
BYTE ADDR
DATA IN 1
WC
DATA IN 2
AI01106
PAGE WRITE
(cont’d)
WC (cont’d)
DATA IN N
ACK
R/W
ACK
ACK
ACK
ACK
ACK
ACK
ACK
R/W
ACK
ACK
Figure 8. Write Modes Sequence with Write Control = 0
Read Operations
On delivery, the memory content is set at all ”1’s”
(or FFh).
Current Address Read. The ST24/25E64 have
an internal 13 bits address counter. Each time a
byte is read, this counter is incremented. For the
Current Address Read mode, following a START
condition, the master sends a Device Select with
the RW bit set to ’1’. The ST24/25E64acknowledge
this and outputs the byte addressed by the internal
address counter. This counter is then incremented.
The master does NOT acknowledge the byte out-
put, but terminates the transfer with a STOP con-
dition.
Random Address Read. A dummy write is per-
formed to load the address into the address
counter, see Figure 10. This is followed by another
START condition from the master and the byte
address repeated with the RW bit set to ’1’. The
ST24/25E64 acknowledge this and outputs the
byte addressed. The master does NOT acknow-
ledge the byte output, but terminates the transfer
with a STOP condition.
Sequential Read. This mode can be initiated with
either a Current Address Read or a Random Ad-
dress Read. However, in this case the master
DOES acknowledge the data byte output and the
ST24/25E64 continue to output the next byte in
10/16
ST24E64, ST25E64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com