Electronic Components Datasheet Search
  English  ▼

X  

SH18F104F6R3CT Datasheet(PDF) 7 Page - WALSIN TECHNOLOGY CORPORATION

Part # SH18F104F6R3CT
Description  Soft Termination Series
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

SH18F104F6R3CT Datasheet(HTML) 7 Page - WALSIN TECHNOLOGY CORPORATION

Back Button SH18F104F6R3CT Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION SH18F104F6R3CT Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION SH18F104F6R3CT Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION SH18F104F6R3CT Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION SH18F104F6R3CT Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION SH18F104F6R3CT Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION SH18F104F6R3CT Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION SH18F104F6R3CT Datasheet HTML 10Page - WALSIN TECHNOLOGY CORPORATION SH18F104F6R3CT Datasheet HTML 11Page - WALSIN TECHNOLOGY CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
Multilayer Ceramic Capacitors
Approval Sheet
Page 7 of 27
ASC_Soft termination_(SH)_020O_DS
Jun. 2019
NP0 Dielectric 1210 Size
DIELECTRIC
NP0
SIZE
1210
RATED VOLTAGE
(VDC)
10
16
25
50
100
200
250
500
630
1000
1500
2000
10pF (100)
C
C
C
C
C
C
C
C
C
C
C
C
12pF (120)
C
C
C
C
C
C
C
C
C
C
C
C
15pF (150)
C
C
C
C
C
C
C
C
C
C
C
C
18pF (180)
C
C
C
C
C
C
C
C
C
C
C
C
22pF (220)
C
C
C
C
C
C
C
C
C
C
C
C
27pF (270)
C
C
C
C
C
C
C
C
C
C
C
C
33pF (330)
C
C
C
C
C
C
C
C
C
C
C
C
39pF (390)
C
C
C
C
C
C
C
C
C
C
C
C
47pF (470)
C
C
C
C
C
C
C
C
C
C
C
C
56pF (560)
C
C
C
C
C
C
C
C
C
C
D
D
68pF (680)
C
C
C
C
C
C
C
C
C
C
D
D
82pF (820)
C
C
C
C
C
C
C
C
C
C
D
D
100pF (101)
C
C
C
C
C
C
C
C
C
D
D
D
120pF (121)
C
C
C
C
C
C
C
C
C
D
D
D
150pF (151)
C
C
C
C
C
C
C
C
C
D
G
G
180pF (181)
C
C
C
C
C
C
C
C
C
D
G
G
220pF (221)
C
C
C
C
C
C
C
C
C
G
G
G
270pF (271)
C
C
C
C
C
C
C
C
C
G
K
K
330pF (331)
C
C
C
C
C
C
C
C
C
G
K
K
390pF (391)
C
C
C
C
C
C
C
C
C
G
M
M
470pF (471)
C
C
C
C
C
C
C
C
C
G
M
M
560pF (561)
C
C
C
C
C
C
C
C
C
G
680pF (681)
C
C
C
C
C
C
C
C
C
G
820pF (821)
C
C
C
C
C
C
C
C
C
G
1,000pF (102)
C
C
C
C
C
D
D
D
D
G
1,200pF (122)
C
C
C
C
C
D
D
D
D
G
1,500pF (152)
C
C
C
C
C
D
D
D
D
K
1,800pF (182)
C
C
C
C
C
D
D
D
D
M
2,200pF (222)
C
C
C
C
C
D
D
D
D
M
2,700pF (272)
C
C
C
C
C
D
D
D
D
M
3,300pF (332)
C
C
C
C
C
D
D
D
D
M
3,900pF (392)
C
C
C
C
C
D
D
D
D
M
4,700pF (472)
C
C
C
C
C
G
G
5,600pF (562)
C
C
C
C
C
G
G
6,800pF (682)
C
C
C
C
C
G
G
8,200pF (822)
C
C
C
C
C
G
G
0.010
µF (103)
C
C
C
C
C
G
G
0.012
µF (123)
D
D
D
D
D
0.015
µF (153)
D
D
D
D
D
0.018
µF (183)
0.022
µF (223)
0.027
µF (273)
0.033
µF (333)
0.039
µF (393)
0.047
µF (473)
1. The letter in cell is expressed the symbol of product thickness.
2. For more information about products with special capacitance or other data, please contact WTC local representative.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com