Electronic Components Datasheet Search
  English  ▼

X  

SH18F104F6R3CT Datasheet(PDF) 3 Page - WALSIN TECHNOLOGY CORPORATION

Part # SH18F104F6R3CT
Description  Soft Termination Series
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

SH18F104F6R3CT Datasheet(HTML) 3 Page - WALSIN TECHNOLOGY CORPORATION

  SH18F104F6R3CT Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION SH18F104F6R3CT Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION SH18F104F6R3CT Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION SH18F104F6R3CT Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION SH18F104F6R3CT Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION SH18F104F6R3CT Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION SH18F104F6R3CT Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION SH18F104F6R3CT Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION SH18F104F6R3CT Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
Multilayer Ceramic Capacitors
Approval Sheet
Page 3 of 27
ASC_Soft termination_(SH)_020O_DS
Jun. 2019
5. EXTERNAL DIMENSIONS & CONSTRUCTIONS
6. GENERAL ELECTRICAL DATA
Dielectric
NP0
X7R
X5R
Y5V
Size
0402, 0603, 0805, 1206, 1210, 1812, 1825, 2220, 2225
Capacitance range*
0.1pF to 0.082
µF
100pF to 47
µF
0.027
µF to 10µF
0.01
µF to 4.7µF
Capacitance tolerance**
Cap
≤5pF:
B (±0.1pF), C (±0.25pF)
5pF<Cap<10pF:
C (±0.25pF), D (±0.5pF)
Cap
≥10pF:
F (±1%), G (±2%),
J (±5%), K (±10%)
K (±10%), M (±20%)
Z (-20/+80%)
Rated voltage (WVDC)
6.3V to 3000V
Operating temperature
-55 to +125°C
-55 to +125°C
-55 to +85°C
-25 to +85 °C
Capacitance characteristic
±30ppm
±15%
±15%
+30/-80%
Termination
Ni/Sn (lead-free termination)
* Measured at the condition of 30~70% related humidity.
NP0: Apply 1.0±0.2Vrms, 1.0MHz±10% for Cap
≤1000pF and 1.0±0.2Vrms, 1.0kHz±10% for Cap>1000pF, 25°C at ambient temperature
X7R, X5R: Apply 1.0±0.2Vrms, 1.0kHz±10%, at 25°C am bient temperature.
Y5V: Apply 1.0±0.2Vrms, 1.0kHz±10%, at 20°C ambient temperature.
** Preconditioning for Class II MLCC: Perform a heat treatment at 150±10°C for 1 hour, then leave in a mbient condition for 24±2 hours
before measurement.
T
W
L
MB
MB
Fig. 1 The outline of MLCC
Size
Inch (mm)
L (mm)
W (mm)
T (mm)/Symbol
Remark
MB (mm)
0402 (1005)
1.00±0.20
0.50±0.20
0.50±0.20
E
#
0.25
+0.05/-0.10
0603 (1608)
1.60±0.20
0.80±0.10
0.80±0.07
S
0.40±0.15
1.60±0.30
0.80±0.30
0.80±0.30
X
0805 (2012)
2.00±0.20
1.25±0.10
0.60±0.10
A
0.50±0.20
0.80±0.10
B
1.25±0.10
D
#
2.00±0.30
1.25±0.30
1.25±0.30
I
#
1206 (3216)
3.20+0.4/-0.1
1.60±0.15
0.80±0.10
B
0.60±0.20
(0.50±0.25)*
0.95±0.10
C
#
1.15±0.15
J
#
1.25±0.10
D
#
3.20+0.4/-0.1
1.60±0.20
1.60±0.20
G
#
3.20±0.50
1.60±0.50
1.60±0.50
P
#
1210 (3225)
3.20±0.40
2.50±0.20
0.95±0.10
C
#
0.75±0.25
1.25±0.10
D
#
3.20±0.60
2.50±0.50
1.60±0.20
G
#
2.00±0.20
K
#
2.50±0.50
M
#
1808 (4520)
4.50+0.6/-0.4
2.03±0.25
1.25±0.10
D
#
0.50±0.25
2.00±0.20
K
#
1812 (4532)
4.50+0.6/-0.4
3.20±0.30
1.25±0.10
D
#
0.75±0.25
(0.50±0.25)*
1.60±0.20
G
#
2.00±0.20
K
#
3.20±0.40
2.50±0.50
M
#
1825 (4563)
4.50+0.6/-0.4
6.30±0.40
2.00±0.20 (K)
2.50±0.30 (M)
2.80±0.30 (U)
#
0.75±0.35
2220 (5750)
5.70±0.50
5.00±0.40
#
0.85±0.35
2225 (5763)
5.70±0.50
6.30±0.40
#
0.85±0.35
# Reflow soldering only is recommended.
* For 1206≧1000V, 1812_200V~4000V products.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com