Electronic Components Datasheet Search
  English  ▼

X  

SH32F104F6R3CT Datasheet(PDF) 12 Page - WALSIN TECHNOLOGY CORPORATION

Part # SH32F104F6R3CT
Description  Soft Termination Series
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

SH32F104F6R3CT Datasheet(HTML) 12 Page - WALSIN TECHNOLOGY CORPORATION

Back Button SH32F104F6R3CT Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION SH32F104F6R3CT Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION SH32F104F6R3CT Datasheet HTML 10Page - WALSIN TECHNOLOGY CORPORATION SH32F104F6R3CT Datasheet HTML 11Page - WALSIN TECHNOLOGY CORPORATION SH32F104F6R3CT Datasheet HTML 12Page - WALSIN TECHNOLOGY CORPORATION SH32F104F6R3CT Datasheet HTML 13Page - WALSIN TECHNOLOGY CORPORATION SH32F104F6R3CT Datasheet HTML 14Page - WALSIN TECHNOLOGY CORPORATION SH32F104F6R3CT Datasheet HTML 15Page - WALSIN TECHNOLOGY CORPORATION SH32F104F6R3CT Datasheet HTML 16Page - WALSIN TECHNOLOGY CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
Multilayer Ceramic Capacitors
Approval Sheet
Page 12 of 27
ASC_Soft termination_(SH)_020O_DS
Jun. 2019
X7R Dielectric 0805 Size
DIELECTRIC
X7R
SIZE
0805
RATED VOLTAGE
(VDC)
10
16
25
50
100
200
250
500
630
1000
100pF (101)
D
D
D
D
D
D
D
B
B
B
120pF (121)
D
D
D
D
D
D
D
B
B
B
150pF (151)
D
D
D
D
D
D
D
B
B
B
180pF (181)
D
D
D
D
D
D
D
B
B
B
220pF (221)
D
D
D
D
D
D
D
B
B
B
270pF (271)
D
D
D
D
D
D
D
B
B
B
330pF (331)
D
D
D
D
D
D
D
B
B
B
390pF (391)
D
D
D
D
D
D
D
B
B
B
470pF (471)
D
D
D
D
D
D
D
B
B
B
560pF (561)
D
D
D
D
D
D
D
B
B
B
680pF (681)
D
D
D
D
D
D
D
B
B
B
820pF (821)
D
D
D
D
D
D
D
B
B
B
1,000pF (102)
D
D
D
D
D
D
D
B
B
B
1,200pF (122)
D
D
D
D
D
D
D
B
B
B
1,500pF (152)
D
D
D
D
D
D
D
B
B
D
1,800pF (182)
D
D
D
D
D
D
D
B
B
D
2,200pF (222)
D
D
D
D
D
D
D
B
B
D
2,700pF (272)
D
D
D
D
D
D
D
B
B
3,300pF (332)
D
D
D
D
D
D
D
B
B
3,900pF (392)
D
D
D
D
D
D
D
B
B
4,700pF (472)
D
D
D
D
D
D
D
D
D
5,600pF (562)
D
D
D
D
D
D
D
D
D
6,800pF (682)
D
D
D
D
D
D
D
D
D
8,200pF (822)
D
D
D
D
D
D
D
D
D
0.010
µF (103)
D
D
D
D
D
D
D
D
D
0.012
µF (123)
D
D
D
D
D
D
D
D
D
0.015
µF (153)
D
D
D
D
D
D
D
D
D
0.018
µF (183)
D
D
D
D
D
D
D
D
D
0.022
µF (223)
D
D
D
D
D
D
D
D
D
0.027
µF (273)
D
D
D
D
D
D
D
D
D
0.033
µF (333)
D
D
D
D
D
D
D
D
0.039
µF (393)
D
D
D
D
D
D
D
0.047
µF (473)
D
D
D
D
D
D
D
0.056
µF (563)
D
D
D
D
D
D
D
0.068
µF (683)
D
D
D
D
D
D
D
0.082
µF (823)
D
D
D
D
D
D
0.10
µF (104)
D
D
D
D
D
D
0.12
µF (124)
D
D
D
D
I
0.15
µF (154)
D
D
D
D
I
0.18
µF (184)
D
D
D
D
I
0.22
µF (224)
D
D
D
D
I
0.27
µF (274)
I
I
I
I
0.33
µF (334)
I
I
I
I
0.39
µF (394)
I
I
I
I
0.47
µF (474)
I
I
I
I
0.56
µF (564)
I
I
I
0.68
µF (684)
I
I
I
0.82
µF (824)
I
I
I
1.0
µF (105)
I
I
I
I
1.5
µF (155)
I
I
I
2.2
µF (225)
I
I
I
4.7
µF (475)
I
10
µF (106)
1. The letter in cell is expressed the symbol of product thickness.
2. For more information about products with special capacitance or other data, please contact WTC local representative.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com