Electronic Components Datasheet Search
  English  ▼

X  

SH32F104F6R3CT Datasheet(PDF) 19 Page - WALSIN TECHNOLOGY CORPORATION

Part # SH32F104F6R3CT
Description  Soft Termination Series
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

SH32F104F6R3CT Datasheet(HTML) 19 Page - WALSIN TECHNOLOGY CORPORATION

Back Button SH32F104F6R3CT Datasheet HTML 15Page - WALSIN TECHNOLOGY CORPORATION SH32F104F6R3CT Datasheet HTML 16Page - WALSIN TECHNOLOGY CORPORATION SH32F104F6R3CT Datasheet HTML 17Page - WALSIN TECHNOLOGY CORPORATION SH32F104F6R3CT Datasheet HTML 18Page - WALSIN TECHNOLOGY CORPORATION SH32F104F6R3CT Datasheet HTML 19Page - WALSIN TECHNOLOGY CORPORATION SH32F104F6R3CT Datasheet HTML 20Page - WALSIN TECHNOLOGY CORPORATION SH32F104F6R3CT Datasheet HTML 21Page - WALSIN TECHNOLOGY CORPORATION SH32F104F6R3CT Datasheet HTML 22Page - WALSIN TECHNOLOGY CORPORATION SH32F104F6R3CT Datasheet HTML 23Page - WALSIN TECHNOLOGY CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
Multilayer Ceramic Capacitors
Approval Sheet
Page 19 of 27
ASC_Soft termination_(SH)_020O_DS
Jun. 2019
9. RELIABILITY TEST CONDITIONS AND REQUIREMENTS
No.
Item
Test Condition
Requirements
1. Visual and
Mechanical
---
* No remarkable defect.
* Dimensions to conform to individual specification sheet.
2. Capacitance
Class I: (NP0)
C≦1000pF, 1.0±0.2Vrms,1MHz±10%
C>1000pF, 1.0±0.2Vrms,1KHz±10%
Class II: (X7R, X7E, X6S, X5R,X7S,Y5V)
≦
C
10µF, 1.0±0.2Vrms,1KHz±10% **
C>10µF, 0.5±0.2Vrms,120Hz±20%
** Test condition: 0.5±0.2Vrms,1KHz±10%
X7R:
0805=106(6.3V), 0603/475(6.3V)
X5R:
≧
0201
224 (6.3V,10V,16V)
#1
,
≧
0402
475 (6.3V,16V
≧
), 0402
225(10V),
0603=106 (6.3V,10V),
≧
TT18X
475(10V) , TT15X series
X6S:
0201/474(4V),
≧
0201
104 (6.3V,10V
#1
),
≧
0402
225 (6.3V),
0402/475 (10V), 0603/106 (6.3V),
X7S:
0402/225(6.3V)
#1 Excluding
X5R/0201/105(6.3V);225(10V),
X6S/0201/104(10V)
(1.0±0.2Vrms,1KHz±10%)
*Before initial measurement (Class II only):
To apply de-aging at 150°C for 1hr then set
for 24±2 hrs at room temp.
* Shall not exceed the limits given in the detailed spec.
3. Q/ D.F.
(Dissipation
Factor)
NP0: Cap
≥30pF, Q≥1000; Cap<30pF,Q≥400+20C
X7R,X5R,X6S,X7S:
Rated
vol.
D.F.≦
Exception of D.F. ≦
≧
100V ≦
2.5%
≦
3%
1206≧0.47
µF
≦
5%
0805>0.1µF;0603≧0.068
µF;1206>1µF;1210≧2.2µF;TT series
≦
10%
0805>0.22µF;1210≧3.3
µF
50V
≦
2.5%
≦
3%
0201(50V);0603≧0.047
µF;0805≧0.18µF;1206≧0.47µF
≦
5%
0201≧0.01uF;1210≧4.7
µF
≦
10%
0402≧0.012
µF; 0603>0.1µF; 0805≧1µF(0805/X7R>0.47µF);
1206≧2.2
µF; 1210≧10µF; TT series
35V
≦
3.5% ≦10%
0603≧1
µF;0805≧2.2µF;1206≧2.2µF;1210≧10µF
25V
≦
3.5%
≦
5%
0201≧0.01
µF;0805≧1µF;1210≧10µF
≦
7%
0603≧0.33
µF
≦
10%
0201≧0.1
µF;0402≧0.10µF&(0402/X7R≧0.056µF);TT series;
0603≧0.47
µF;0805≧2.2µF;1206≧4.7µF;1210≧22µF
≦
12.5% 0402≧0.47
µF
16V
≦
3.5%
≦
5%
0201≧0.01
µF;0402≧0.033µF;0603≧0.15µF;
0805≧0.68
µF;1206≧2.2µF;1210≧4.7µF
≦
10%
0201≧0.1uF(0201/X7R≧0.022
µF);0402≧0.22uF;TT series
0603≧0.68
µF;0805≧2.2µF;1206≧4.7µF;1210≧22µF
10V
≦
5%
≦
10%
0201≧0.012
µF;0402≧0.33µF(0402/X7R≧0.22µF);TT series
0603≧0.33
µF;0805≧2.2µF;1206≧2.2µF;1210≧22µF;01R5
≦
15%
0201≧0.1
µF; 0402≧1µF
6.3V
≦
10%
≦
15%
0201≧0.1
µF;0402≧1µF(0402/X6S≧0.47µF);0603≧10µF;
0805≧4.7
µF;1206≧47µF;1210≧100µF;TT series
≦
20%
0402≧2.2
µF
4V
≦
15%
---
---
Y5V:
Rated vol. D.F. ≦ Exception of D.F.≦
≧
50V
≦
5%
≦
7%
0603≧0.1
µF; 0805≧0.47µF; 1206≧4.7µF; TT series
≦
12.5% 1210≧6.8
µF
35V
≦
7%
---
---
25V
≦
5%
≦
7%
0402≧0.047
µF;0603≧0.1µF; 0805≧0.33µF;
1206≧1
µF; 1210≧4.7µF
≦
9%
0402≧0.068
µF;0603≧0.47µF; 1206≧4.7µF;
1210≧22
µF; TT series
16V
(C<1.0
µF) ≦7%
≦
9%
0402≧0.068
µF; 0603≧0.68µF
≦
12.5% 0402≧0.22
µF
16V
(C≧1.0
µF) ≦9%
≦
12.5%
0603≧2.2
µF; 0805≧3.3µF;1206≧10µF;
1210≧22
µF; 1812≧47µF; TT series
10V
≦
12.5% ≦20%
0402≧0.47
µF
6.3V
≦
20%
---
---
4. Dielectric
Strength
*To apply voltage:
≦
100V: 250% of rated voltage.
200V ~ 300V: 200% of rated voltage.
400V ~ 450V: 120% of rated voltage.
500V ~ 999V: 150% of rated voltage.
1000V ~ 3000V: 120% of rated voltage.
4000V: 110% of rated voltage.
*Duration: 1 to 5 sec.
*Charge & discharge current less than
50mA.
* No evidence of damage or flash over during test.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com