Electronic Components Datasheet Search
  English  ▼

X  

DF-G3 Datasheet(PDF) 1 Page - Banner Engineering Corp.

Part # DF-G3
Description  DF-G3 Long Range Expert Dual Display Fiber Amplifier with Dual Discrete Outputs and IO Link
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

DF-G3 Datasheet(HTML) 1 Page - Banner Engineering Corp.

  DF-G3 Datasheet HTML 1Page - Banner Engineering Corp. DF-G3 Datasheet HTML 2Page - Banner Engineering Corp. DF-G3 Datasheet HTML 3Page - Banner Engineering Corp. DF-G3 Datasheet HTML 4Page - Banner Engineering Corp. DF-G3 Datasheet HTML 5Page - Banner Engineering Corp. DF-G3 Datasheet HTML 6Page - Banner Engineering Corp. DF-G3 Datasheet HTML 7Page - Banner Engineering Corp. DF-G3 Datasheet HTML 8Page - Banner Engineering Corp. DF-G3 Datasheet HTML 9Page - Banner Engineering Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Quick Start Guide
Advanced Sensor with Dual Displays for use with Plastic and Glass Fiber Optic Assemblies
This guide is designed to help you set up and install the DF-G3 Long Range Expert Dual Display Fiber Amplifer with Dual Discrete
Outputs and IO Link. For complete information on programming, performance, troubleshooting, dimensions, and accessories,
please refer to the Instruction Manual at
www.bannerengineering.com. Search for p/n 193604 to view the Instruction Manual. Use
of this document assumes familiarity with pertinent industry standards and practices.
WARNING:
•
Do not use this device for personnel protection
•
Using this device for personnel protection could result in serious injury or death.
•
This device does not include the self-checking redundant circuitry necessary to allow its use in
personnel safety applications. A device failure or malfunction can cause either an energized (on) or de-
energized (off) output condition.
Overview
Figure 1. DF-G3 IO Link Model Features
1. Output LED
2. CH1/CH2 Switch
3. RUN/PRG/ADJ Mode Switch
4. Lever Action Fiber Clamp
5. Red Signal Level
6. Green Threshold
7. +/SET/- Rocker Button
Models
Models1
Sensing Beam
Color
Reference Sensing
Range2
Channel 1
Channel 2
Connector
DF-G3-KD-2M
Visible Red
3000 mm
IO-Link, push/pull
output
PNP only output,
or input
2 m (6.5 ft) cable,
4-wire
DF-G3IR-KD-2M
Infrared, 850 nm
6000 mm
1
•
To order the 150 mm (6 in) PVC cable model with a 4-pin M8/Pico-style quick disconnect, replace the suffix "2M" with "Q3" in the model number.
For example, DF-G3-KD-Q3.
•
To order the 150 mm (6 in) PVC cable model with a 4-pin M12/Euro-style quick disconnect, replace the suffix "2M" with "Q5" in the model
number. For example, DF-G3-KD-Q5.
•
To order the 4-pin M8/Pico-style integral quick disconnect model, replace the suffix "2M" with "Q7" in the model number. For example, DF-G3-
KD-Q7.
•
Models with a quick disconnect require a mating cordset.
2 Excess gain = 1, Long Range response speed, opposed mode sensing. PIT46U plastic fiber used for visible LED models, IT.83.3ST5M6 glass fiber used for
IR model.
DF-G3 Long Range Expert Dual Display Fiber
Amplifier with Dual Discrete Outputs and IO Link
Original Document
193603 Rev. B
20 March 2019
193603


Similar Part No. - DF-G3

ManufacturerPart #DatasheetDescription
logo
Herga Technology
DF-G3 HERGA-DF-G3 Datasheet
543Kb / 2P
MICROSWITCH LINE CARD
05/25
logo
Banner Engineering Corp...
DF-G3B-KD-Q5 BANNER-DF-G3B-KD-Q5 Datasheet
115Kb / 1P
DF-G2x-KD-Q5 Expert
More results

Similar Description - DF-G3

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ZIOL2401 IDT-ZIOL2401 Datasheet
87Kb / 3P
Dual-Channel IO-Link HV Line Driver with Integrated DC/DC Converter
ZIOL2411 IDT-ZIOL2411 Datasheet
87Kb / 3P
IO-Link compliant HV Line Driver (Dual Channel)
logo
Banner Engineering Corp...
D10 BANNER-D10 Datasheet
416Kb / 16P
D10 Expert?™? Dual Discrete Outputs
D10 BANNER-D10_V02 Datasheet
432Kb / 14P
D10 Expert??Series with Bar Graph Display and Discrete Output
DF-G2 BANNER-DF-G2 Datasheet
1Mb / 11P
DF-G2 High Speed Expert??Dual Display Fiber Amplifier with IO Link
DF-G2 BANNER-DF-G2_V01 Datasheet
677Kb / 9P
DF-G2 High Speed Expert??Dual Display Small Object Counter
DF-G2X-KD-Q5 BANNER-DF-G2X-KD-Q5 Datasheet
115Kb / 1P
DF-G2x-KD-Q5 Expert
logo
Maxim Integrated Produc...
MAXREFDES177 MAXIM-MAXREFDES177 Datasheet
1,017Kb / 17P
IO Link Universal Analog IO
logo
STMicroelectronics
L6364 STMICROELECTRONICS-L6364 Datasheet
2Mb / 60P
Dual channel transceiver IC for SIO and IO-Link sensor applications
October 2021 Rev 4
logo
Pepperl+Fuchs Inc.
IO-LINK-MASTER02-USB PF-IO-LINK-MASTER02-USB Datasheet
715Kb / 4P
IO-Link Master
2020-06-30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com