Electronic Components Datasheet Search
  English  ▼

X  

DF-G3 Datasheet(PDF) 3 Page - Banner Engineering Corp.

Part # DF-G3
Description  DF-G3 Long Range Expert Dual Display Fiber Amplifier with Dual Discrete Outputs and IO Link
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

DF-G3 Datasheet(HTML) 3 Page - Banner Engineering Corp.

  DF-G3 Datasheet HTML 1Page - Banner Engineering Corp. DF-G3 Datasheet HTML 2Page - Banner Engineering Corp. DF-G3 Datasheet HTML 3Page - Banner Engineering Corp. DF-G3 Datasheet HTML 4Page - Banner Engineering Corp. DF-G3 Datasheet HTML 5Page - Banner Engineering Corp. DF-G3 Datasheet HTML 6Page - Banner Engineering Corp. DF-G3 Datasheet HTML 7Page - Banner Engineering Corp. DF-G3 Datasheet HTML 8Page - Banner Engineering Corp. DF-G3 Datasheet HTML 9Page - Banner Engineering Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
TO
FIBERS
TO
SENSOR
Fiber Outer Diameter (mm)
Adapter Color
Ø 1.0
Black
Ø 1.3
Red
Ø 2.2
No adapter needed
When connecting coaxial-type fiber assemblies to the amplifier, install the single-core (center) fiber to the Transmitter port, and the
multi-core (outer) fiber to the Receiver port. This will result in the most reliable detection.
TRANSMITTER
RECEIVER
Single-core fiber
Multi-core fiber
Wiring Diagrams
4
1
3
2
10-30V dc
CH1
CH2
+
–
Load
Load
Figure 2. Channel 1 as a Push-Pull discrete output, Channel 2 as PNP
discrete output
4
1
3
2
10–30 V dc
CH1
CH2
+
–
Load
Remote
Input
Figure 3. Channel 1 as a Push-Pull discrete output, Channel 2 as
remote input
Key
1 = Brown
2 = White
3 = Blue
4 = Black
Note: Open lead wires must be connected to a terminal block.
Note: The Channel 2 wire function is user-selectable. The default is independent Light Operate (LO) PNP output. See the Remote Input
section for details regarding use as remote input or the Sync Master/Slave section for use as a synchronization output.
Top Panel Interface
Opening the dust cover provides access to the top panel interface. The top panel interface consists of the RUN/PRG/ADJ mode
switch, CH1/CH2 switch, +/SET/- rocker button, dual red/green digital displays, and output LED.
RUN/PRG/ADJ Mode Switch
The RUN/PRG/ADJ mode switch puts the sensor in RUN, PRG (Program), or ADJ (Adjust) mode.
•
RUN mode allows the sensor to operate normally and prevents unintentional programming changes
via the +/SET/- rocker button.
•
PRG mode allows the sensor to be programmed through the display-driven programming menus (see
Program Mode on page 4
•
ADJ mode allows the user to perform Expert TEACH/SET methods and Manual Adjust (see Adjust
Mode).
DF-G3 Long Range Expert Dual Display Fiber Amplifier with Dual Discrete Outputs and IO Link
P/N 193603 Rev. B
www.bannerengineering.com - Tel: + 1 888 373 6767
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com