Electronic Components Datasheet Search
  English  ▼

X  

SM312LP Datasheet(PDF) 2 Page - Banner Engineering Corp.

Part # SM312LP
Description  DC Voltage Series
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

SM312LP Datasheet(HTML) 2 Page - Banner Engineering Corp.

  SM312LP Datasheet HTML 1Page - Banner Engineering Corp. SM312LP Datasheet HTML 2Page - Banner Engineering Corp. SM312LP Datasheet HTML 3Page - Banner Engineering Corp. SM312LP Datasheet HTML 4Page - Banner Engineering Corp. SM312LP Datasheet HTML 5Page - Banner Engineering Corp. SM312LP Datasheet HTML 6Page - Banner Engineering Corp. SM312LP Datasheet HTML 7Page - Banner Engineering Corp. SM312LP Datasheet HTML 8Page - Banner Engineering Corp. SM312LP Datasheet HTML 9Page - Banner Engineering Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Sensing Mode
Range
LED
Model
CONVERGENT
16 mm (0.65 in) Focus
Visible red, 650 nm
SM312CV
43 mm (1.7 in) Focus
SM312CV2
CONVERGENT
16 mm (0.65 in) Focus
Visible blue, 475 nm
SM312CVB
49 mm (1.9 in) Focus
SM312CV2B
CONVERGENT
16 mm (0.65 in) Focus
Visible green, 525 nm
SM312CVG
49 mm (1.9 in) Focus
SM312CV2G
GLASS FIBER
Glass Fiber Optic
Range varies, depending on sensing mode
and fiber optics used.
Infrared, 880 nm
SM312F
Visible red, 650 nm
SM312FV
Visible blue, 475 nm
SM312FVB
Visible green, 525 nm
SM312FVG
PLASTIC FIBER
Plastic Fiber Optic
Visible red, 650 nm
SM312FP
Visible blue, 475 nm
SM312FPB
Visible green, 525 nm
SM312FPG
Special High-Power Option Plastic Fiber
Optic
Visible red, 650 nm
SM312FPH
Wiring Diagrams
Emitters with Attached Cable
All Other Models with Attached Cable
bn
bu
+
–
10-30V dc
bn
wh
bu
+
–
bk
Load
Load
10-30V dc
Emitters with Quick Disconnect (4-pin Euro-Style)
All Other Models with Quick Disconnect (4-pin Euro-Style)
bn
wh
bu
+
–
bk
10-30V dc
bn
wh
bu
+
–
bk
Load
Load
10-30V dc
The output type for all models is Bipolar NPN/PNP; load 150 mA max., each output.
Sensor Mounting and Alignment
MINI-BEAM sensors perform most reliably if they are properly aligned and securely mounted.
For maximum mechanical stability, mount MINI-BEAM sensors through 18 mm diameter holes by their threaded barrel (where
available), or use a mounting bracket. A complete selection of mounting brackets is available. Visit
http://
www.bannerengineering.com or contact Banner Engineering for information on mounting options.
Begin with line-of-sight positioning of the MINI-BEAM sensor to its emitter (opposed-mode sensing) or to its target (all other
sensing modes). When using a retroreflective sensor, the target is the retroreflector (“retro target”). For diffuse or convergent
sensing modes, the target is the object to be detected.
MINI-BEAM® DC Voltage Series
2
www.bannerengineering.com - Tel: +1-763-544-3164
P/N 69943 Rev. F



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com