Electronic Components Datasheet Search
  English  ▼

X  

SM312LP Datasheet(PDF) 3 Page - Banner Engineering Corp.

Part # SM312LP
Description  DC Voltage Series
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

SM312LP Datasheet(HTML) 3 Page - Banner Engineering Corp.

  SM312LP Datasheet HTML 1Page - Banner Engineering Corp. SM312LP Datasheet HTML 2Page - Banner Engineering Corp. SM312LP Datasheet HTML 3Page - Banner Engineering Corp. SM312LP Datasheet HTML 4Page - Banner Engineering Corp. SM312LP Datasheet HTML 5Page - Banner Engineering Corp. SM312LP Datasheet HTML 6Page - Banner Engineering Corp. SM312LP Datasheet HTML 7Page - Banner Engineering Corp. SM312LP Datasheet HTML 8Page - Banner Engineering Corp. SM312LP Datasheet HTML 9Page - Banner Engineering Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Apply power to the sensor (and to the emitter, if using the opposed mode). Advance the 15-turn Gain control to maximum
(clockwise end of rotation) using a small flat-blade screwdriver. The Gain control is clutched at both ends to avoid damage and will
“free-wheel” when either endpoint is reached.
If the MINI-BEAM sensor is receiving its light signal, the red LED Alignment indicator will be ON and flashing at a rate proportional
to the signal strength (faster = more signal). Move the sensor (or retro target, if applicable) up-down-right-left (including angular
rotation) to find the center of the movement zone within which the LED indicator remains ON. Reducing the Gain setting reduces
the size of the movement zone for more precise alignment.
Repeat the alignment motions after each Gain reduction. When optimum alignment is achieved, mount sensor(s) (and the retro
target, if applicable) solidly in that position. Increase the Gain to maximum.
Test the sensor by placing the object to be detected in the sensing position, then removing it. The Alignment indicator LED should
come ON when the sensing beam is established (Light condition) or be ON when the beam is broken (Dark condition). If the
Alignment indicator LED stays ON for both sensing conditions, consider the following tips for each sensing mode.
Opposed Mode Alignment
Object
Emitter
Receiver
“Flooding” occurs when a portion of the sensing beam passes
around the object to be sensed. “Burn-through” occurs when a
portion of the emitter’s light energy passes through a thin or
translucent object, and is sensed by the receiver.
To correct either problem, do one or more of the following to
reduce the light energy:
•
Reduce the Gain adjustment on the receiver
•
Add an aperture to one or both lenses (MINI-BEAM
apertures, available from Banner, fit neatly inside the
lens assembly)
•
Intentionally misalign the emitter and receiver
Note:
•
Light condition: sensor output is
ON when there is no object in the
beam
•
Dark condition: sensor output is ON
when there is an object in the beam
Diffuse Mode Alignment
Object
If the Alignment LED does not go OFF when the object is
removed from the beam, the sensor is probably detecting light
reflected from some background object. To remedy this
problem:
•
Reduce the reflectivity of the background by painting
the surface(s) flat-black, scuffing any shiny surface, or
drilling a large hole, directly opposite the diffuse sensor
•
Move the sensor closer to the object to be detected
and reduce the Gain adjustment. Rule of thumb for
diffuse sensing: The distance to the nearest
background object should be at least three times the
sensing distance
Note:
•
Light condition: sensor output is
ON when there is no object in the
beam
•
Dark condition: sensor output is ON
when there is an object in the beam
MINI-BEAM® DC Voltage Series
P/N 69943 Rev. F
www.bannerengineering.com - Tel: +1-763-544-3164
3



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com