Electronic Components Datasheet Search
  English  ▼

X  

SMB42F Datasheet(PDF) 2 Page - Banner Engineering Corp.

Part # SMB42F
Description  QMT42 Series Fixed-Field Sensors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

SMB42F Datasheet(HTML) 2 Page - Banner Engineering Corp.

  SMB42F Datasheet HTML 1Page - Banner Engineering Corp. SMB42F Datasheet HTML 2Page - Banner Engineering Corp. SMB42F Datasheet HTML 3Page - Banner Engineering Corp. SMB42F Datasheet HTML 4Page - Banner Engineering Corp. SMB42F Datasheet HTML 5Page - Banner Engineering Corp. SMB42F Datasheet HTML 6Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Fixed-Field Sensing – Theory of Operation
The QMT...FF... compares the reflections of its emitted light beam (E) from an object back to the sensor's two differently
aimed detectors, R1 and R2. See Figure 1 on page 2. If the near detector's (R1) light signal is stronger than the far
detector's (R2) light signal (see object A in the Figure below, closer than the cutoff distance), the sensor responds to the
object. If the far detector's (R2) light signal is stronger than the near detector's (R1) light signal (see object B in the
Figure below, beyond the cutoff distance), the sensor ignores the object.
The cutoff distance for model QMT...FF... sensors is fixed at 500, 750, 1000, 1500, or 2000 millimeters (20, 30, 39, 59, or
79 inches Objects lying beyond the cutoff distance are ignored, even if they are highly reflective. However, under certain
conditions, it is possible to falsely detect a background object (see Placement on page 2).
R1
R2
Lenses
Object
A
Object B
or
Background
Sensing
Range
Cutoff
Distance
E
Receiver
Elements
Near
Detector
Far
Detector
Emitter
Object is sensed if amount of light at R1
is greater than the amount of light at R2
Figure 1. Fixed-Field Concept
Receiver
Element
Emitter
Sensing Axis
Figure 2. Fixed-Field Sensing Axis
In the drawings and information provided in this document, the letters E, R1, and R2 identify how the sensor's three
optical elements (Emitter "E", Near Detector "R1", and Far Detector "R2") line up across the face of the sensor. The
location of these elements defines the sensing axis, see Figure 2 on page 2. The sensing axis becomes important in certain
situations, such as those illustrated in Figure 3 on page 3 and Figure 4 on page 3.
Placement
An object beyond the cutoff distance, either stationary (and when positioned as shown in Figure 3 on page 3), or
moving past the face of the sensor in a direction perpendicular to the sensing axis, may cause unwanted triggering of the
sensor if more light is reflected to the near detector than to the far detector. Correct the problem by rotating the sensor
90° (Figure 4 on page 3). The object then reflects the R1 and R2 fields equally, resulting in no false triggering. A better
solution, if possible, may be to reposition the object or the sensor.
QMT42 Series Fixed-Field Sensors
2
www.bannerengineering.com - Tel: +1-763-544-3164
P/N 50756 Rev. B



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com