Electronic Components Datasheet Search
  English  ▼

X  

SMB42F Datasheet(PDF) 3 Page - Banner Engineering Corp.

Part # SMB42F
Description  QMT42 Series Fixed-Field Sensors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

SMB42F Datasheet(HTML) 3 Page - Banner Engineering Corp.

  SMB42F Datasheet HTML 1Page - Banner Engineering Corp. SMB42F Datasheet HTML 2Page - Banner Engineering Corp. SMB42F Datasheet HTML 3Page - Banner Engineering Corp. SMB42F Datasheet HTML 4Page - Banner Engineering Corp. SMB42F Datasheet HTML 5Page - Banner Engineering Corp. SMB42F Datasheet HTML 6Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Cutoff Distance
Sensing Field
Sensor
(side view)
A reflective background object in this position or moving across the
sensor face in this axis and direction may cause a false sensor
response.
Figure 3. Object Beyond Cutoff - Problem
Cutoff Distance
Sensing Field
Sensor (top view)
A reflective background object in this position or moving across the
sensor face in this axis is ignored.
Figure 4. Object Beyond Cutoff - Solution
Specifications
Sensing Beam
Infrared, 880 nm
Supply Voltage and Current
10 to 30 V dc (10% max. ripple) at less than 40 mA
Supply Protection Circuitry
Protected against reverse polarity and transient voltages
Output Configuration
SPDT (complementary) solid-state dc switch; choose NPN or PNP
models
Light operate: N.O. output conducts when the sensor sees its own
modulated light
Dark operate: N.C. output conducts when the sensor sees dark
Output Rating
100 mA maximum (each output)
OFF-state leakage current: < 5 microamps at 30 V dc
ON-state saturation voltage: < 1 V at 10 mA dc; < 1.5 V at 100 mA dc
Output Protection Circuitry
Protected against false pulse on power-up and continuous overload or
short-circuit of outputs
Overload trip point ≥ 150 mA, typical, at 20 ºC
Output Response Time
1 millisecond on and off
NOTE: 100 millisecond delay on power-up;
outputs are non-conducting during this time
Repeatability of Response
250 microseconds
Sensing Hysteresis
Less than 5% of cutoff distance - 2000 mm models
Less than 4% of cutoff distance - 1500 mm models
Less than 3% of cutoff distance - 1000 mm models
Less than 2% of cutoff distance - 750 mm models
Less than 1% of cutoff distance - 500 mm models
Cutoff Point Tolerance
±10% of nominal cutoff distance
Range
50 mm (2.0 in) to cutoff point
10 mm (0.4 in) to 6 m (20 ft)
Indicators
Two LEDs: Green and Amber
Green on steady = power to sensor is ON
Green flashing = output is overloaded
Amber on steady = light is sensed; normally open output ON
Amber flashing = marginal excess gain (1-1.5x) in light condition
Construction
Housings are die-cast zinc alloy with black acrylic polyurethane finish;
lenses are acrylic
Environmental Rating
IEC IP67
NEMA 6
Connections
2 m (6.5 ft) or 9 m (30 ft) attached cable, or 4-pin M12/Euro-style
quick-disconnect fitting; cables for QD models are purchased
separately
Operating Conditions
−20 °C to +55 °C (−4 °F to +131°F)
90% at +50 °C maximum relative humidity (non-condensing)
Required Overcurrent Protection
WARNING: Electrical connections must be
made by qualified personnel in accordance
with local and national electrical codes and
regulations.
Overcurrent protection is required to be provided by end product
application per the supplied table.
Overcurrent protection may be provided with external fusing or via
Current Limiting, Class 2 Power Supply.
Supply wiring leads < 24 AWG shall not be spliced.
For additional product support, go to http://
www.bannerengineering.com.
Supply Wiring
Required Overcurrent Protection
20
5.0 Amps
22
3.0 Amps
24
2.0 Amps
26
1.0 Amps
28
0.8 Amps
30
0.5 Amps
Certifications
QMT42 Series Fixed-Field Sensors
P/N 50756 Rev. B
www.bannerengineering.com - Tel: +1-763-544-3164
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com