Electronic Components Datasheet Search
  English  ▼

X  

LM2696 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2696
Description  3A, Constant On Time Buck Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2696 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LM2696 Datasheet HTML 8Page - National Semiconductor (TI) LM2696 Datasheet HTML 9Page - National Semiconductor (TI) LM2696 Datasheet HTML 10Page - National Semiconductor (TI) LM2696 Datasheet HTML 11Page - National Semiconductor (TI) LM2696 Datasheet HTML 12Page - National Semiconductor (TI) LM2696 Datasheet HTML 13Page - National Semiconductor (TI) LM2696 Datasheet HTML 14Page - National Semiconductor (TI) LM2696 Datasheet HTML 15Page - National Semiconductor (TI) LM2696 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
Application Information (Continued)
UNDER- & OVER-VOLTAGE CONDITIONS
The LM2696 has a built in under-voltage comparator that
controls PGOOD. Whenever the output voltage drops below
the set threshold, the PGOOD open drain FET will turn on
pulling the pin to ground. For an over-voltage event, there is
no separate comparator to control PGOOD. However, the
loop responds to prevent this event from occurring because
the error comparator is essentially sensing an OVP event. If
the output is above the feedback threshold then the part will
not switch back on; therefore, the worst-case condition is
one on-time pulse.
CURRENT LIMIT
The LM2696 utilizes a peak-detect current limit that senses
the current through the FET when conducting and will imme-
diately terminate the on-pulse whenever the peak current
exceeds the threshold (4.9A typical). In addition to terminat-
ing the present on-pulse, it enforces a mandatory off-time
that is related to the feedback voltage.
If current limit trips and the feedback voltage is close to its
nominal value of 1.25V, the off-time imposed will be relatively
short. This is to prevent the output from dropping or any fold
back from occurring if a momentary short occurred because
of a transient or load glitch. If a short circuit were present, the
off-time would extend to approximately 12 µs. This ensures
that the inductor current will reach a low value (approxi-
mately 0A) before the next switching cycle occurs. The
extended off-time prevents runaway conditions caused by
hard shorts and high side blanking times.
If the part is in an over current condition, the output voltage
will begin to drop as shown in Figure 4. If the output voltage
is dropping and the current is below the current limit thresh-
old, (I
1), the part will assert a pulse (t2) after a minimum
off-time (t
1). This is in an attempt to raise the output voltage.
If the part is in an over current condition and the output
voltage is below the regulation value (V
L) as shown in Figure
4, the part will assert a pulse of minimal width (t
4) and extend
the off-time (t
5). In the event that the voltage is below the
regulation value (V
L) and the current is below the current
limit value, the part will assert two (or more) pulses sepa-
rated by some minimal off-time (t
1).
20153437
FIGURE 3. Startup Timing Diagram
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com