Electronic Components Datasheet Search
  English  ▼

X  

WQAC293 Datasheet(PDF) 2 Page - WALSIN TECHNOLOGY CORPORATION

Part # WQAC293
Description  SMD Air Wound Coil Inductors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

WQAC293 Datasheet(HTML) 2 Page - WALSIN TECHNOLOGY CORPORATION

  WQAC293 Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION WQAC293 Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION WQAC293 Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION WQAC293 Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION WQAC293 Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION WQAC293 Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION WQAC293 Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Page 2 of 7
ASC_WQAC293 Series_V1.0_Auto
Nov. Y2017
Features
Acrylic jacket(WQAC293) provides a flat top for pick and place
1.
Acrylic cap provides a flat top for pick and place mechine for high productive manufacture.
2.
Excellent Q and SRF characteristics for RF application, escipally in subGHz band.
3.
Narrow tolerance available for precise design requirements.
4.
AEC-Q200
Applications
1.
Communication system front-end circuit: GSM/3G/LTE, Wi-Fi, GPS.
2.
Cabel/T
errestrial/BS Tuner, Bluetooth, Wireless Audio, Remote control.
3.
M2M: ZigBee, Proprietary wilreless.
4.
EMI solustion in high frequency circuits.
5.
Automotive
Shape and Dimension
Recommend Patterns
Unit: mm
WQAC
Series
M1
M2
M3
M4
M5
293A
3.81(Max)
4.2 (Max.)
1.53±0.39
4.83(Max.)
4.32±0.39
WQAC293A
Land Pattern



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com