Electronic Components Datasheet Search
  English  ▼

X  

WQAC293 Datasheet(PDF) 3 Page - WALSIN TECHNOLOGY CORPORATION

Part # WQAC293
Description  SMD Air Wound Coil Inductors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

WQAC293 Datasheet(HTML) 3 Page - WALSIN TECHNOLOGY CORPORATION

  WQAC293 Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION WQAC293 Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION WQAC293 Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION WQAC293 Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION WQAC293 Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION WQAC293 Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION WQAC293 Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Page 3 of 7
ASC_WQAC293 Series_V1.0_Auto
Nov. Y2017
Ordering Information
WQ
AC
293A
Z0
K
22N
L
B
Product
Code
Series
Dimensions
Series
Extension
Tolerance
Value
Packing Code
WQ:
Inductor
AEC-Q200
Air wound
coil
inductor.
293A
Z0:STD
G:
± 2%
J:
± 5%
K:
± 10%
22N=22nH
R10=100nH
L=13” Reeled
(Embossed reel)
B:STD
Electrical Characteristics
● WQAC293A series
TOLERANCE: G=±2%, J=±5%, K=±10%
※TEST INSTRUMENT: HP4291B、HP8753E、CHROMA16502
NOTE :
1. Inductance & SRF measured on the HP4291B.
2. Operating temp. : -40℃ to +125℃
3. For temperature rise : 15℃
4. SRF measured using the HP8753E
5. MSL:LEVEL 1
Walsin Part Number
L(nH)
Tolerance
Q Min
Typical Q @
Frequency
(MHz)
SRF
Maximum
(GHz)
RDC
Maximum
(m
Ω
Ω
Ω
Ω)
Rated Current
Maximum
(A)
WQAC293AZ0□22NLB
22
G、J、K
100
150
3.2
4.2
3.0
WQAC293AZ0□27NLB
27
G、J、K
100
150
2.7
4.0
3.5
WQAC293AZ0□33NLB
33
G、J、K
100
150
2.5
4.8
3.0
WQAC293AZ0□39NLB
39
G、J、K
100
150
2.1
4.4
3.0
WQAC293AZ0□47NLB
47
G、J、K
100
150
2.1
5.6
3.0
WQAC293AZ0□56NLB
56
G、J、K
100
150
1.5
6.2
3.0
WQAC293AZ0□68NLB
68
G、J、K
100
150
1.5
8.2
2.5
WQAC293AZ0□82NLB
82
G、J、K
100
150
1.3
9.4
2.5
WQAC293AZ0□R10LB
100
G、J、K
100
150
1.2
12.3
1.7
WQAC293AZ0□R12LB
120
G、J、K
100
150
1.1
17.3
1.5



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com