Electronic Components Datasheet Search
  English  ▼

X  

ACTT10-800CT Datasheet(PDF) 3 Page - WeEn Semiconductors

Part # ACTT10-800CT
Description  AC Thyristor Triac power switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEEN [WeEn Semiconductors]
Direct Link  http://www.ween-semi.com
Logo WEEN - WeEn Semiconductors

ACTT10-800CT Datasheet(HTML) 3 Page - WeEn Semiconductors

  ACTT10-800CT Datasheet HTML 1Page - WeEn Semiconductors ACTT10-800CT Datasheet HTML 2Page - WeEn Semiconductors ACTT10-800CT Datasheet HTML 3Page - WeEn Semiconductors ACTT10-800CT Datasheet HTML 4Page - WeEn Semiconductors ACTT10-800CT Datasheet HTML 5Page - WeEn Semiconductors ACTT10-800CT Datasheet HTML 6Page - WeEn Semiconductors ACTT10-800CT Datasheet HTML 7Page - WeEn Semiconductors ACTT10-800CT Datasheet HTML 8Page - WeEn Semiconductors ACTT10-800CT Datasheet HTML 9Page - WeEn Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
WeEn Semiconductors
ACTT10-800CT
AC Thyristor Triac power switch
ACTT10-800CT
All information provided in this document is subject to legal disclaimers.
© WeEn Semiconductors Co., Ltd. 2018. All rights reserved
Product data sheet
5 September 2018
3 / 13
7. Limiting values
Table 4. Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDRM
repetitive peak off-state
voltage
-
800
V
IT(RMS)
RMS on-state current
full sine wave; Tmb ≤ 125 °C; Fig. 1;
Fig. 2; Fig. 3
-
10
A
full sine wave; Tj(init) = 25 °C; tp = 20 ms;
Fig. 4; Fig. 5
-
90
A
ITSM
non-repetitive peak on-
state current
full sine wave; Tj(init) = 25 °C; tp = 16.7 ms
-
99
A
I2t
I2t for fusing
tp = 10 ms; sine-wave pulse
-
40
A²s
dIT/dt
rate of rise of on-state
current
IG = 0.2 A
-
100
A/µs
IGM
peak gate current
t = 20 μs
-
2
A
PGM
peak gate power
-
5
W
PG(AV)
average gate power
over any 20 ms period
-
0.5
W
Tstg
storage temperature
-40
150
°C
Tj
junction temperature
-
150
°C
VPP
peak pulse voltage
Tj = 25 °C; non-repetitive, off-state; Fig. 6
-
2
kV
Tmb (°C)
-50
150
100
0
50
aaa-013626
4
8
12
IT(RMS)
(A)
0
125 °C
Fig. 1. RMS on-state current as a function of mounting
base temperature; maximum values
aaa-013627
12
10
14
16
IT(RMS)
(A)
8
surge duration (s)
10-2
10
1
10-1
f = 50 Hz; Tmb = 125 °C
Fig. 2. RMS on-state current as a function of surge
duration; maximum values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com