Electronic Components Datasheet Search
  English  ▼

X  

ACTT10-800CT Datasheet(PDF) 4 Page - WeEn Semiconductors

Part # ACTT10-800CT
Description  AC Thyristor Triac power switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEEN [WeEn Semiconductors]
Direct Link  http://www.ween-semi.com
Logo WEEN - WeEn Semiconductors

ACTT10-800CT Datasheet(HTML) 4 Page - WeEn Semiconductors

  ACTT10-800CT Datasheet HTML 1Page - WeEn Semiconductors ACTT10-800CT Datasheet HTML 2Page - WeEn Semiconductors ACTT10-800CT Datasheet HTML 3Page - WeEn Semiconductors ACTT10-800CT Datasheet HTML 4Page - WeEn Semiconductors ACTT10-800CT Datasheet HTML 5Page - WeEn Semiconductors ACTT10-800CT Datasheet HTML 6Page - WeEn Semiconductors ACTT10-800CT Datasheet HTML 7Page - WeEn Semiconductors ACTT10-800CT Datasheet HTML 8Page - WeEn Semiconductors ACTT10-800CT Datasheet HTML 9Page - WeEn Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
WeEn Semiconductors
ACTT10-800CT
AC Thyristor Triac power switch
ACTT10-800CT
All information provided in this document is subject to legal disclaimers.
© WeEn Semiconductors Co., Ltd. 2018. All rights reserved
Product data sheet
5 September 2018
4 / 13
aaa-013617
8
4
12
16
Ptot
(W)
0
IT(RMS) (A)
0
12
8
4
2
10
6
α = 180 °C
120 °C
90 °C
30 °C
60 °C
conduction
angle, α
(degrees)
form
factor
a
30
60
90
120
180
2.816
1.967
1.570
1.329
1.110
α
α
α = conduction angle
a = form factor = IT(RMS) / IT(AV)
Fig. 3. Total power dissipation as a function of RMS on-state current; maximum values
aaa-013618
40
60
20
80
100
ITSM
(A)
0
number of cycles (n)
1
1000
100
10
ITSM
t
IT
Tj(init) = 25 °C max
1/f
f = 50 Hz
Fig. 4. Non-repetitive peak on-state current as a function of the number of sinusoidal current cycles; maximum
values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com